Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2777 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM2777
Description  How to use the STEVAL-STWINKT1B SensorTile Wireless Industrial Node for condition monitoring and predictive maintenance applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2777 Datasheet(HTML) 4 Page - STMicroelectronics

  UM2777 Datasheet HTML 1Page - STMicroelectronics UM2777 Datasheet HTML 2Page - STMicroelectronics UM2777 Datasheet HTML 3Page - STMicroelectronics UM2777 Datasheet HTML 4Page - STMicroelectronics UM2777 Datasheet HTML 5Page - STMicroelectronics UM2777 Datasheet HTML 6Page - STMicroelectronics UM2777 Datasheet HTML 7Page - STMicroelectronics UM2777 Datasheet HTML 8Page - STMicroelectronics UM2777 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
2
Functional blocks
Figure 7. STEVAL-STWINKT1B functional block diagram
SPI3
ADC1
USART2
Enanced
SWD
Connector
UART5
I2C2
ADC3
GPIO
Auxiliary
Connector
DFSDM1
I2C2
IMP34DT05
Digital Microphone
LPS22HH
Pressure Sensor
HTS221
Humidity and
Temperature Sensor
STTS751
Temperature Sensor
IIS2MDC
3D Magnetometer
STM32L4R9ZIJ6
Microcontroller
Ultra Low Power
Cortex M4F@120MHz
32 kHz
Crystal
16 MHz
Crystal
BlueNRG-M2SA
Bluetooth® low energy
Application Processor Module
STR485LV
RS485 Interface
SPI2
IMP23ABSU
Analog Microphone
TS922EIJT
Low noise, low
distortion OpAmp
20-pin STMOD+
12-pin female sensor
connector
12-pin male
connector
40-pin Flex
STSAFE
Secure Element*
I2C2
SPIx, I2S,
USARTx,...
IIS2DH
3D Accelerometer
IIS3DWB
Vibrometer
ISM330DHCX
6-Axis IMU
USBLC6-2P6
USB ESD protection
ESDALC6V1-1U2
Single Line ESD
protection
EMIF06-MSD02N16
EMI filter and ESD
protection
STBC02
Li-Ion linerar battery
charger
ST1PS01EJR
step-down switching
regulator
LDK130
Low Noise LDO
Sensing
Processing
Connectivity
Power Mng.
Analog
Secure
* not mounted
connector
connector
(*)
(*) The HTS221 is not recommended for new designs.
2.1
Sensing
The core system board offers a comprehensive range of sensors specifically designed to support and enable the
Industry 4.0 applications.
Figure 8. STEVAL-STWINKT1B functional block diagram of sensing elements and STM32L4R9ZIJ6
SPI3
ADC1
DFSDM1
I2C2
IMP34DT05
Digital Microphone
LPS22HH
Pressure Sensor
HTS221
Humidity and
Temperature Sensor
STTS751
Temperature Sensor
IIS2MDC
3D Magnetometer
STM32L4R9ZIJ6
Microcontroller
Ultra Low Power
Cortex M4F@120MHz
IMP23ABSU
Analog Microphone
TS922EIJT
Low noise, low
distortion OpAmp
IIS2DH
3D Accelerometer
IIS3DWB
Vibrometer
ISM330DHCX
6-Axis IMU
Sensing
Analog
(*) The HTS221 is not recommended for new designs.
(*)
The motion sensors communicate with the STM32L4R9ZIJ6 microcontroller via SPI in order to accommodate the
high data rates, while the magnetometer and environmental sensors communicate via I2C.
UM2777
Functional blocks
UM2777 - Rev 4
page 4/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com