Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SCR586D3 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # 2SCR586D3
Description  TO-252-2L Plastic-Encapsulate Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SCR586D3 Datasheet(HTML) 1 Page - Nanjing International Group Co

  2SCR586D3 Datasheet HTML 1Page - Nanjing International Group Co 2SCR586D3 Datasheet HTML 2Page - Nanjing International Group Co 2SCR586D3 Datasheet HTML 3Page - Nanjing International Group Co 2SCR586D3 Datasheet HTML 4Page - Nanjing International Group Co 2SCR586D3 Datasheet HTML 5Page - Nanjing International Group Co 2SCR586D3 Datasheet HTML 6Page - Nanjing International Group Co 2SCR586D3 Datasheet HTML 7Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Dongguan Nanjing Electronics Ltd.
TO-252-2L Plastic-Encapsulate Transistors
MAXIMUM RATINGS (
Symbol
Parameter
Value
Unit
VCBO
VCEO
VEBO
IC
PC
TJ
Tstg
TO-252-2L
DONGGUAN NANJING ELECTRONICS LTD.,
www.dgnjdz.com
2SCR586D3
80
80
5
10
Features
1) Suitable for Power Driver.
2) Complementary PNP Types : 2SAR586D3.
3) Low VCE(sat)
VCE(sat)=300mV(Max.).
(IC/IB=2A/100mA)
Application
LOW FREQUENCY AMPLIFIER
Packaging specifications
2SCR586D3
Inner circuit
1/7


Similar Part No. - 2SCR586D3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR586D3 ROHM-2SCR586D3 Datasheet
1Mb / 11P
NPN 5.0A 80V Power Transistor
2SCR586D3FRA ROHM-2SCR586D3FRA Datasheet
1Mb / 10P
NPN 5.0A 80V Power Transistor
More results

Similar Description - 2SCR586D3

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SA1952 JIANGSU-2SA1952 Datasheet
1Mb / 5P
TO-252-2L Plastic-Encapsulate Transistors
2SB1184 JIANGSU-2SB1184 Datasheet
1Mb / 4P
TO-252-2L Plastic-Encapsulate Transistors
2SB1261 JIANGSU-2SB1261 Datasheet
918Kb / 4P
TO-252-2L Plastic-Encapsulate Transistors
2SD1899 JIANGSU-2SD1899 Datasheet
862Kb / 4P
TO-252-2L Plastic-Encapsulate Transistors
2SA1012B JIANGSU-2SA1012B Datasheet
747Kb / 4P
TO-252-2L Plastic-Encapsulate Transistors
2SA1225 JIANGSU-2SA1225 Datasheet
1Mb / 4P
TO-252-2L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SCR587D3 DGNJDZ-2SCR587D3 Datasheet
2Mb / 7P
TO-252-2L Plastic-Encapsulate Transistors
2SD669 DGNJDZ-2SD669 Datasheet
1Mb / 5P
TO-252-2L Plastic-Encapsulate Transistors
MJD41C DGNJDZ-MJD41C Datasheet
2Mb / 5P
TO-252-2L Plastic-Encapsulate Transistors
MJD3055 DGNJDZ-MJD3055 Datasheet
2Mb / 5P
TO-252-2L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com