Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH08T220WAS Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T220WAS
Description  16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T220WAS Datasheet(HTML) 13 Page - Texas Instruments

Back Button PTH08T220WAS Datasheet HTML 9Page - Texas Instruments PTH08T220WAS Datasheet HTML 10Page - Texas Instruments PTH08T220WAS Datasheet HTML 11Page - Texas Instruments PTH08T220WAS Datasheet HTML 12Page - Texas Instruments PTH08T220WAS Datasheet HTML 13Page - Texas Instruments PTH08T220WAS Datasheet HTML 14Page - Texas Instruments PTH08T220WAS Datasheet HTML 15Page - Texas Instruments PTH08T220WAS Datasheet HTML 16Page - Texas Instruments PTH08T220WAS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
www.ti.com
CAPACITOR RECOMMENDATIONS FOR THE PTH08T220/221W POWER MODULE
Capacitor Technologies
Input Capacitor (Required)
Input Capacitor Information
PTH08T220W, PTH08T221W
SLTS252E – NOVEMBER 2005 – REVISED OCTOBER 2006
Electrolytic Capacitors
When using electrolytic capacitors, high quality, computer-grade electrolytic capacitors are recommended.
Aluminum electrolytic capacitors provide adequate decoupling over the frequency range, 2 kHz to 150 kHz,
and are suitable when ambient temperatures are above -20
°C. For operation below -20°C, tantalum,
ceramic, or OS-CON type capacitors are required.
Ceramic Capacitors
Above 150 kHz the performance of aluminum electrolytic capacitors is less effective. Multilayer ceramic
capacitors have very low ESR and a resonant frequency higher than the bandwidth of the regulator. They
can be used to reduce the reflected ripple current at the input as well as improve the transient response of
the output.
Tantalum, Polymer-Tantalum Capacitors
Tantalum type capacitors may only used on the output bus, and are recommended for applications where
the ambient operating temperature is less than 0
°C. The AVX TPS series and Kemet capacitor series are
suggested over many other tantalum types due to their lower ESR, higher rated surge, power dissipation,
and ripple current capability. Tantalum capacitors that have no stated ESR or surge current rating are not
recommended for power applications.
The PTH08T221W requires a minimum input capacitance of 300
µF of ceramic type.
The PTH08T220W requires a combination of one 22
µF X5R/X7R ceramic and 330 µF electrolytic type. The
ripple current rating of the electrolytic capacitor must be at least 950 mArms. The ripple current rating must
increase to 1500 mArms when VO > 2.1 V and IO ≥ 11 A.
The size and value of the input capacitor is determined by the converter’s transient performance capability. This
minimum value assumes that the converter is supplied with a responsive, low inductance input source. This
source should have ample capacitive decoupling, and be distributed to the converter via PCB power and ground
planes.
Ceramic capacitors should be located as close as possible to the module's input pins, within 0.5 inch (1,3 cm).
Adding ceramic capacitance is necessary to reduce the high-frequency ripple voltage at the module's input. This
will reduce the magnitude of the ripple current through the electroytic capacitor, as well as the amount of ripple
current reflected back to the input source. Additional ceramic capacitors can be added to further reduce the
RMS ripple current requirement for the electrolytic capacitor.
Increasing the minimum input capacitance to 680 µF is recommended for high-performance applications, or
wherever the input source performance is degraded.
The main considerations when selecting input capacitors are the RMS ripple current rating, temperature stability,
and less than 100 m
Ω of equivalent series resistance (ESR).
Regular tantalum capacitors are not recommended for the input bus. These capacitors require a recommended
minimum voltage rating of 2
× (maximum dc voltage + ac ripple). This is standard practice to ensure reliability.
No tantalum capacitors were found with a sufficient voltage rating to meet this requirement.
When the operating temperature is below 0
°C, the ESR of aluminum electrolytic capacitors increases. For these
applications, OS-CON, poly-aluminum, and polymer-tantalum types should be considered.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com