Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH08T220WAS Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T220WAS
Description  16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T220WAS Datasheet(HTML) 21 Page - Texas Instruments

Back Button PTH08T220WAS Datasheet HTML 17Page - Texas Instruments PTH08T220WAS Datasheet HTML 18Page - Texas Instruments PTH08T220WAS Datasheet HTML 19Page - Texas Instruments PTH08T220WAS Datasheet HTML 20Page - Texas Instruments PTH08T220WAS Datasheet HTML 21Page - Texas Instruments PTH08T220WAS Datasheet HTML 22Page - Texas Instruments PTH08T220WAS Datasheet HTML 23Page - Texas Instruments PTH08T220WAS Datasheet HTML 24Page - Texas Instruments PTH08T220WAS Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
www.ti.com
2
5
3
4
6
7
10
9
11 Inhibit/
ProgUVLO
GND
TurboTrans
AutoTrack
8
L
O
A
D
GND
GND
TurboTrans
+Sense
VO
−Sense
VOAdj
VI
VI
VO
+Sense
RTT
0kW
C
330 F
I
m
(Required)
CO
1220 F
TypeB
m
RSET
1%
0.05W
PTH08T220W
−Sense
1
Smart
Sync
C 2
22 F
I
m
(Required)
WithoutTurboTrans
100mV/div
WithTurboTrans
100mV/div
2.5 A/ s
50%LoadStep
m
PTH08T220W, PTH08T221W
SLTS252E – NOVEMBER 2005 – REVISED OCTOBER 2006
Figure 18. Typical TurboTrans™ Application
Figure 19. TurboTrans Waveform
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com