Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2298CUP Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2298CUP
Description  Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2298CUP Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2298CUP Datasheet HTML 13Page - Linear Technology LTC2298CUP Datasheet HTML 14Page - Linear Technology LTC2298CUP Datasheet HTML 15Page - Linear Technology LTC2298CUP Datasheet HTML 16Page - Linear Technology LTC2298CUP Datasheet HTML 17Page - Linear Technology LTC2298CUP Datasheet HTML 18Page - Linear Technology LTC2298CUP Datasheet HTML 19Page - Linear Technology LTC2298CUP Datasheet HTML 20Page - Linear Technology LTC2298CUP Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTC2298/LTC2297/LTC2296
17
229876f
capacitors to acquire a new sample. Since the sampling
capacitors still hold the previous sample, a charging glitch
proportional to the change in voltage between samples will
be seen at this time. If the change between the last sample
and the new sample is small, the charging glitch seen at
the input will be small. If the input change is large, such as
the change seen with input frequencies near Nyquist, then
a larger charging glitch will be seen.
Single-Ended Input
For cost sensitive applications, the analog inputs can be
driven single-ended. With a single-ended input the har-
monic distortion and INL will degrade, but the SNR and
DNL will remain unchanged. For a single-ended input, AIN+
should be driven with the input signal and AIN– should be
connected to 1.5V or VCM.
Common Mode Bias
For optimal performance the analog inputs should be
driven differentially. Each input should swing ±0.5V for
the 2V range or ±0.25V for the 1V range, around a
common mode voltage of 1.5V. The VCM output pin may
be used to provide the common mode bias level. VCM can
be tied directly to the center tap of a transformer to set the
DC input level or as a reference level to an op amp
differential driver circuit. The VCM pin must be bypassed to
ground close to the ADC with a 2.2µF or greater capacitor.
Input Drive Impedance
As with all high performance, high speed ADCs, the
dynamic performance of the LTC2298/LTC2297/LTC2296
can be influenced by the input drive circuitry, particularly
the second and third harmonics. Source impedance and
reactance can influence SFDR. At the falling edge of CLK,
the sample-and-hold circuit will connect the 4pF sampling
capacitor to the input pin and start the sampling period.
The sampling period ends when CLK rises, holding the
sampled input on the sampling capacitor. Ideally the input
circuitry should be fast enough to fully charge
the sampling capacitor during the sampling period
1/(2FENCODE); however, this is not always possible and the
incomplete settling may degrade the SFDR. The sampling
APPLICATIO S I FOR ATIO
glitch has been designed to be as linear as possible to
minimize the effects of incomplete settling.
For the best performance, it is recommended to have a
source impedance of 100Ω or less for each input. The
source impedance should be matched for the differential
inputs. Poor matching will result in higher even order
harmonics, especially the second.
Input Drive Circuits
Figure 3 shows the LTC2298/LTC2297/LTC2296 being
driven by an RF transformer with a center tapped second-
ary. The secondary center tap is DC biased with VCM,
setting the ADC input signal at its optimum DC level.
Terminating on the transformer secondary is desirable, as
this provides a common mode path for charging glitches
caused by the sample and hold. Figure 3 shows a 1:1 turns
ratio transformer. Other turns ratios can be used if the
source impedance seen by the ADC does not exceed 100Ω
for each ADC input. A disadvantage of using a transformer
is the loss of low frequency response. Most small RF
transformers have poor performance at frequencies be-
low 1MHz.
Figure 3. Single-Ended to Differential Conversion
Using a Transformer
25Ω
25Ω
25Ω
25Ω
0.1µF
AIN
+
AIN
–
12pF
2.2µF
VCM
LTC2298
LTC2297
LTC2296
ANALOG
INPUT
0.1µFT1
1:1
T1 = MA/COM ETC1-1T
RESISTORS, CAPACITORS
ARE 0402 PACKAGE SIZE
229876 F03
Figure 4 demonstrates the use of a differential amplifier to
convert a single ended input signal into a differential input
signal. The advantage of this method is that it provides low
frequency input response; however, the limited gain band-
width of most op amps will limit the SFDR at high input
frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com