Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2298CUP Datasheet(PDF) 19 Page - Linear Technology

Part # LTC2298CUP
Description  Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2298CUP Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC2298CUP Datasheet HTML 15Page - Linear Technology LTC2298CUP Datasheet HTML 16Page - Linear Technology LTC2298CUP Datasheet HTML 17Page - Linear Technology LTC2298CUP Datasheet HTML 18Page - Linear Technology LTC2298CUP Datasheet HTML 19Page - Linear Technology LTC2298CUP Datasheet HTML 20Page - Linear Technology LTC2298CUP Datasheet HTML 21Page - Linear Technology LTC2298CUP Datasheet HTML 22Page - Linear Technology LTC2298CUP Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LTC2298/LTC2297/LTC2296
19
229876f
APPLICATIO S I FOR ATIO
Reference Operation
Figure 9 shows the LTC2298/LTC2297/LTC2296 refer-
ence circuitry consisting of a 1.5V bandgap reference, a
difference amplifier and switching and control circuit. The
internal voltage reference can be configured for two pin
selectable input ranges of 2V (±1V differential) or 1V
(±0.5V differential). Tying the SENSE pin to VDD selects
the 2V range; tying the SENSE pin to VCM selects the 1V
range.
The 1.5V bandgap reference serves two functions: its
output provides a DC bias point for setting the common
mode voltage of any external input circuitry; additionally,
the reference is used with a difference amplifier to gener-
ate the differential reference levels needed by the internal
ADC circuitry. An external bypass capacitor is required for
the 1.5V reference output, VCM. This provides a high
frequency low impedance path to ground for internal and
external circuitry.
The difference amplifier generates the high and low refer-
ence for the ADC. High speed switching circuits are
connected to these outputs and they must be externally
bypassed. Each output has two pins. The multiple output
pins are needed to reduce package inductance. Bypass
capacitors must be connected as shown in Figure 9. Each
ADC channel has an independent reference with its own
bypass capacitors. The two channels can be used with the
same or different input ranges.
Other voltage ranges between the pin selectable ranges
can be programmed with two external resistors as shown
in Figure 10. An external reference can be used by applying
its output directly or through a resistor divider to SENSE.
It is not recommended to drive the SENSE pin with a logic
device. The SENSE pin should be tied to the appropriate
level as close to the converter as possible. If the SENSE pin
is driven externally, it should be bypassed to ground as
close to the device as possible with a 1µF ceramic capacitor.
For the best channel matching, connect an external reference
to SENSEA and SENSEB.
Figure 10. 1.5V Range ADC
Figure 9. Equivalent Reference Circuit
VCM
REFH
SENSE
TIE TO VDD FOR 2V RANGE;
TIE TO VCM FOR 1V RANGE;
RANGE = 2 • VSENSE FOR
0.5V < VSENSE < 1V
1.5V
REFL
2.2µF
2.2µF
INTERNAL ADC
HIGH REFERENCE
BUFFER
0.1µF
229876 F09
4Ω
DIFF AMP
1µF
1µF
INTERNAL ADC
LOW REFERENCE
1.5V BANDGAP
REFERENCE
1V
0.5V
RANGE
DETECT
AND
CONTROL
LTC2298/LTC2297/LTC2296
VCM
SENSE
1.5V
0.75V
2.2µF
12k
1µF
12k
229876 F10
LTC2298
LTC2297
LTC2296
Input Range
The input range can be set based on the application. The
2V input range will provide the best signal-to-noise perfor-
mance while maintaining excellent SFDR. The 1V input
range will have better SFDR performance, but the SNR will
degrade by 5.8dB. See the Typical Performance Charac-
teristics section.
Driving the Clock Input
The CLK inputs can be driven directly with a CMOS or TTL
level signal. A sinusoidal clock can also be used along with
a low jitter squaring circuit before the CLK pin (Figure 11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com