Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2332U Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2332U
Description  PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2332U Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMX2332U Datasheet HTML 1Page - National Semiconductor (TI) LMX2332U Datasheet HTML 2Page - National Semiconductor (TI) LMX2332U Datasheet HTML 3Page - National Semiconductor (TI) LMX2332U Datasheet HTML 4Page - National Semiconductor (TI) LMX2332U Datasheet HTML 5Page - National Semiconductor (TI) LMX2332U Datasheet HTML 6Page - National Semiconductor (TI) LMX2332U Datasheet HTML 7Page - National Semiconductor (TI) LMX2332U Datasheet HTML 8Page - National Semiconductor (TI) LMX2332U Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Pin Descriptions (Continued)
Pin
Name
Pin No.
24-Pin CSP
Pin No.
20-Pin TSSOP
I/O
Description
f
IN IF
17
15
I
IF PLL prescaler complementary input. For single ended operation, this pin
should be AC grounded. The LMX233xU IF PLL can be driven differentially
when the bypass capacitor is omitted.
f
IN IF
18
16
I
IF PLL prescaler input. Small signal input from the VCO.
GND
19
17
Ground for the IF PLL digital circuitry, MICROWIRE, F
oLD, and oscillator
circuits.
D
o IF
20
18
O
IF PLL charge pump output. The output is connected to the external loop
filter, which drives the input of the VCO.
V
P IF
22
19
IF PLL charge pump power supply. Must be
≥ V
CC.
V
CC
23
20
Power supply bias for the IF PLL analog and digital circuits, MICROWIRE,
F
oLD, and oscillator circuits. VCC may range from 2.7V to 5.5V. Bypass
capacitors should be placed as close as possible to this pin and be
connected directly to the ground plane.
NC
1, 9, 13, 21
X
No connect.
Ordering Information
Model
Temperature Range
Package Description
Packing
NS Package Number
LMX2330USLBX
−40˚C to +85˚C
Chip Scale Package
(CSP) Tape and Reel
2500 Units Per Reel
SLB24A
LMX2330UTM
−40˚C to +85˚C
Thin Shrink Small
Outline Package
(TSSOP)
73 Units Per Rail
MTC20
LMX2330UTMX
−40˚C to +85˚C
Thin Shrink Small
Outline Package
(TSSOP) Tape and
Reel
2500 Units Per Reel
MTC20
LMX2331USLBX
−40˚C to +85˚C
Chip Scale Package
(CSP) Tape and Reel
2500 Units Per Reel
SLB24A
LMX2331UTM
−40˚C to +85˚C
Thin Shrink Small
Outline Package
(TSSOP)
73 Units Per Rail
MTC20
LMX2331UTMX
−40˚C to +85˚C
Thin Shrink Small
Outline Package
(TSSOP) Tape and
Reel
2500 Units Per Reel
MTC20
LMX2332USLBX
−40˚C to +85˚C
Chip Scale Package
(CSP) Tape and Reel
2500 Units Per Reel
SLB24A
LMX2332UTM
−40˚C to +85˚C
Thin Shrink Small
Outline Package
(TSSOP)
73 Units Per Rail
MTC20
LMX2332UTMX
−40˚C to +85˚C
Thin Shrink Small
Outline Package
(TSSOP) Tape and
Reel
2500 Units Per Reel
MTC20
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com