Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2332U Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2332U
Description  PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2332U Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMX2332U Datasheet HTML 1Page - National Semiconductor (TI) LMX2332U Datasheet HTML 2Page - National Semiconductor (TI) LMX2332U Datasheet HTML 3Page - National Semiconductor (TI) LMX2332U Datasheet HTML 4Page - National Semiconductor (TI) LMX2332U Datasheet HTML 5Page - National Semiconductor (TI) LMX2332U Datasheet HTML 6Page - National Semiconductor (TI) LMX2332U Datasheet HTML 7Page - National Semiconductor (TI) LMX2332U Datasheet HTML 8Page - National Semiconductor (TI) LMX2332U Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
LMX2330U/LMX2331U/LMX2332U
PLLatinumUltra Low Power Dual Frequency
Synthesizer for RF Personal Communications
LMX2330U
2.5 GHz/600 MHz
LMX2331U
2.0 GHz/600 MHz
LMX2332U
1.2 GHz/600 MHz
General Description
The LMX233xU devices are high performance frequency
synthesizers with integrated dual modulus prescalers. The
LMX233xU devices are designed for use as RF and IF local
oscillators for dual conversion radio transceivers.
A 32/33 or a 64/65 prescale ratio can be selected for the 2.5
GHz LMX2330U RF synthesizer. A 64/65 or a 128/129 pres-
cale ratio can be selected for both the LMX2331U and
LMX2332U RF synthesizers. The IF circuitry contains an 8/9
or a 16/17 prescaler. Using a proprietary digital phase locked
loop technique, the LMX233xU devices generate very
stable, low noise control signals for RF and IF voltage con-
trolled oscillators. Both the RF and IF synthesizers include a
two-level programmable charge pump. The RF synthesizer
has dedicated Fastlock circuitry.
Serial data is transferred to the devices via a three-wire
interface (Data, LE, Clock). Supply voltages from 2.7V to
5.5V are supported. The LMX233xU family features ultra low
current consumption:
LMX2330U (2.5 GHz) — 3.3 mA, LMX2331U (2.0 GHz)
— 2.9 mA, LMX2332U (1.2 GHz) — 2.5 mA at 3.0V.
The LMX233xU devices are available in 20-Pin TSSOP and
24-Pin CSP surface mount plastic packages.
Features
n
Ultra Low Current Consumption
n
Upgrade and Compatible to LMX233xL Family
n
2.7V to 5.5V Operation
n
Selectable Synchronous or Asynchronous Powerdown
Mode:
I
CC-PWDN = 1 µA typical
n
Selectable Dual Modulus Prescaler:
LMX2330U
RF: 32/33 or 64/65
LMX2331U
RF: 64/65 or 128/129
LMX2332U
RF: 64/65 or 128/129
LMX2330U/31U/32U
IF: 8/9 or 16/17
n
Selectable Charge Pump TRI-STATE® Mode
n
Programmable Charge Pump Current Levels
RF and IF: 0.95 or 3.8 mA
n
Selectable FastlockMode for the RF Synthesizer
n
Push-Pull Analog Lock Detect Output
n
Available in 20-Pin TSSOP and 24-Pin Chip Scale
Package (CSP)
Applications
n
Mobile Handsets
(GSM, GPRS, W-CDMA, CDMA, PCS, AMPS, PDC,
DCS)
n
Cordless Handsets
(DECT, DCT)
n
Wireless Data
n
Cable TV Tuners
Thin Shrink Small Outline Package (MTC20)
Chip Scale Package (SLB24A)
10136680
10136681
PLLatinumis a trademark of National Semiconductor Corporation.
July 2002
© 2002 National Semiconductor Corporation
DS101366
www.national.com


Similar Part No. - LMX2332U

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2332A NSC-LMX2332A Datasheet
392Kb / 17P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2332ATM NSC-LMX2332ATM Datasheet
392Kb / 17P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2332L NSC-LMX2332L Datasheet
563Kb / 23P
PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2332LSLB NSC-LMX2332LSLB Datasheet
496Kb / 21P
PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2332LSLBX NSC-LMX2332LSLBX Datasheet
563Kb / 23P
PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2332U

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2310U NSC-LMX2310U Datasheet
662Kb / 29P
PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2377U NSC-LMX2377U Datasheet
3Mb / 44P
PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335U NSC-LMX2335U Datasheet
3Mb / 48P
PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com