Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4955AF Datasheet(PDF) 79 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 79 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 75Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 76Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 77Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 78Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 79Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 80Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 81Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 82Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 83Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 168 page
background image
Chapter 6 TX4955A System Interface
6-7
6.2.6.2
Processor requests
The term “processor request” refers to either a single request or a series of requests
issued via the system interface in order to access external resources. As illustrated in
Figure 6.2.7, there are two types of processor request: read and write.
Figure 6.2.7 Processor Requests
Read requests are requests that read data from main memory or other memory
resources in block double word, partial double word, word, and partial word units.
Write requests are requests that write data to main memory or other system
resources in block, double word, partial double word, word, and partial word units.
Processor requests are managed by the TX4955A processor in the same manner as
the R4000/R4400 non-secondary cache mode.
The processor issues requests strictly according to a sequential method. In other
words, the processor cannot issue the next request while a previous request is on hold.
For example, after issuing a read request, the processor waits for a read response
before issuing the next request. The processor only issues write requests when there
are no read requests on hold.
When using processor input signals RdRdy* and WrRdy*, the external agent can
control the processor request flow. RdRdy* is the signal that controls the processor
read flow, and WrRdy* controls the processor write request flow. Figure 6.2.8
illustrates the sequence of the processor request cycle.
Figure 6.2.8 Processor Requests
6.2.6.3
Processor read requests
When the processor issues a read request, the external agent must access the
specified resource and return the requested data.
The external agent returns response data for processor read requests so they can be
executed separately from the requests. In other words, the external agent can start an
external request before returning response data for the processor read request. A
processor read request is complete when the final word of the response data is received
from the external agent.
Depending on the data identifier combined with the response data, an error in the
response data may be pointed out. The processor would then treat this error as a bus
error.
If data have not been returned to the issued processor read request, the applicable
request is said to be “on hold.” This state continues until the requested read data are
returned.
Processor Request
・ Read
・ Write
TX4955A
External agent
1. Processor issues read/
write requests.
TX4955A
External agent
2. External system controls
acceptance of requests
by asserting either
RdRdy* or WrRdy*.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com