Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4955AF Datasheet(PDF) 89 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 89 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 85Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 86Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 87Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 88Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 89Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 90Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 91Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 92Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 93Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 168 page
background image
Chapter 6 TX4955A System Interface
6-17
6.2.8.5
Processor block write request
The master state system interface is used to issue processor block write requests.
Figure 6.2.17 illustrates a processor non-coherent block request made for 8-word data
with the “D” data pattern.
1. Processor sends a write command to the SysCmd bus, then sends a write address
to the SysAD bus.
2. Processor asserts the ValidOut* signal.
3. Processor sends data identifier to the SysCmd bus and sends data to the SysAD
bus.
4. Processor asserts the ValidOut* signal only for the number of cycles required to
transfer the data block.
5. Final data cycle directive must be included in data identifiers for the final data
cycle.
Note: There is transmission protocol of Processor block write request three kinds same as
Processor single write requests. With later G2SConfig-Regster, these modes are
selected.
Figure 6.2.17 Processor non-coherent block request protocol
6.2.8.6
External request protocol
External requests can only be issued when the system interface is in the slave state.
The external agent asserts the ExtRqst* signal, and requests use of the system
interface. The processor asserts the Release* signal, releases the system interface,
waits for it to enter the slave state, then the external agent issues an external request.
If the system interface is already in the slave mode, namely, if the processor has put
the system interface in the slave state on its own, then the external agent can
immediately issue an external request.
In the case of the external agent, the system interface must be returned to the
master state after issuing an external request. When the external agent issues a
single external request, ExtRqst* must be deasserted 2 cycles after the cycle at which
Release* is asserted. Also, when issuing a series of external requests, the ExtRqst*
signal must be asserted before the last request cycle.
Master Clock
Data5
1
2
345
6
Cycle
SysAD Bus
ValidOut*
Validln*
78
9
10
11
12
SysCmd Bus
Addr
Write
RdRdy*
WrRdy*
Release*
Master
1
4
3
Data0
NData
Data1
NData
Data2
NData
Data3
NData
2
Data4
Data6
Data7
NData
NData
NData
NEOD
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com