Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XH-CONNECTOR Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # XH-CONNECTOR
Description  2.5mm pitch/Disconnectable Crimp style connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

XH-CONNECTOR Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  XH-CONNECTOR Datasheet HTML 1Page - JST Mfg. Co., Ltd. XH-CONNECTOR Datasheet HTML 2Page - JST Mfg. Co., Ltd. XH-CONNECTOR Datasheet HTML 3Page - JST Mfg. Co., Ltd. XH-CONNECTOR Datasheet HTML 4Page - JST Mfg. Co., Ltd. XH-CONNECTOR Datasheet HTML 5Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
40
XH CONNECTOR
Top entry type of glass-filled nylon
Circuits
Model No.
Dimensions (mm)
Q'ty / bag
AB
2
3
4
5
6
7
8
9
10
11
12
13
14
15
B2B-XH-2
B3B-XH-2
B4B-XH-2
B5B-XH-2
B6B-XH-2
B7B-XH-2
B8B-XH-2
B9B-XH-2
B10B-XH-2
B11B-XH-2
B12B-XH-2
B13B-XH-2
B14B-XH-2
B15B-XH-2
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
7.4
9.9
12.4
14.9
17.4
19.9
22.4
24.9
27.4
29.9
32.4
34.9
37.4
39.9
1,000
1,000
500
500
500
500
250
250
250
250
250
250
250
250
Material and Finish
Post: Brass, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PA 66, UL94V-0, natural (ivory)
(2 circuits)
(3 to 8 circuits)
(9 to 15 circuits)
B
A
2.45
0.64
5.75
6.75
2.5
2.45
A
B
0.64
5.75
6.75
2.5
2.45
A
B
0.64
5.75
0.64
(2.35)
A
2.45
B
5.75
A
B
2.45
5.75
(2.35)
2.5
0.64
A
B
2.45
2.5
(6.1)
3.4
0.64
Top entry type
Top entry type
(2 circuits)
●plugged up
(3 to 20 circuits)
Side entry type
Material and Finish
Dimensions (mm)
AB
Top entry type Side entry type
Q'ty / box
Circuits
Model No.
Top entry type
Side entry type
B2B-XH-A
B2(10.0)B-XH-A-U
B3B-XH-A
B4B-XH-A
B5B-XH-A
B6B-XH-A
B7B-XH-A
B8B-XH-A
B9B-XH-A
B10B-XH-A
B11B-XH-A
B12B-XH-A
B13B-XH-A
B14B-XH-A
B15B-XH-A
B16B-XH-A
B20B-XH-A
2
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
2.5
10.0
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
47.5
7.4
14.9
9.9
12.4
14.9
17.4
19.9
22.4
24.9
27.4
29.9
32.4
34.9
37.4
39.9
42.4
52.4
1,000
1,000
1,000
500
500
500
500
250
250
250
250
250
250
250
250
200
100
1,000
1,000
500
500
500
250
250
250
250
250
200
200
200
100
100
S2B-XH-A-1
S3B-XH-A-1
S4B-XH-A-1
S5B-XH-A-1
S6B-XH-A-1
S7B-XH-A-1
S8B-XH-A-1
S9B-XH-A-1
S10B-XH-A-1
S11B-XH-A-1
S12B-XH-A-1
S13B-XH-A-1
S14B-XH-A-1
S15B-XH-A-1
Post: Brass, copper-undercoated, tin-plated (reflow treatment)
Wafer: PA 66, UL94V-0, natural (white)
S2B-XH-A
S3B-XH-A
S4B-XH-A
S5B-XH-A
S6B-XH-A
S7B-XH-A
S8B-XH-A
S9B-XH-A
S10B-XH-A
S11B-XH-A
S12B-XH-A
S13B-XH-A
S14B-XH-A
S15B-XH-A
S16B-XH-A
RoHS compliance This product displays (LF)(SN) on a label.
Note: B2(10.0)B-XH-A-U is 2 circuits 10.0mm pitch plugged up.
Not UL/CSA/TU
¨ V approved.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
S3B-XH-A(-1)-oo-
(blank)…natural (white)
BK…black R…red E…blue Y…yellow L…lemon yellow
M…green D…orange N…brown FY…vivid yellow
RoHS compliance This product displays (LF)(SN) on a label.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B2B-XH-2-oo-
(blank)…natural (ivory)
C…black R…red E…blue Y…yellow M…green
0.64
2.45
A
B
(2.35)
5.75
Through-hole type shrouded header
The shrouded headers are interchangeable with those of the NR and NRD insulation displacement connectors, and JQ board-to-board connectors.
Through-hole type shrounded header



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com