Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XH-CONNECTOR Datasheet(PDF) 4 Page - JST Mfg. Co., Ltd.

Part # XH-CONNECTOR
Description  2.5mm pitch/Disconnectable Crimp style connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

XH-CONNECTOR Datasheet(HTML) 4 Page - JST Mfg. Co., Ltd.

  XH-CONNECTOR Datasheet HTML 1Page - JST Mfg. Co., Ltd. XH-CONNECTOR Datasheet HTML 2Page - JST Mfg. Co., Ltd. XH-CONNECTOR Datasheet HTML 3Page - JST Mfg. Co., Ltd. XH-CONNECTOR Datasheet HTML 4Page - JST Mfg. Co., Ltd. XH-CONNECTOR Datasheet HTML 5Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
41
XH CONNECTOR
2.5
B
A
3.75
0.64
7.0
(3.0)
Circuits
Model No.
Dimensions (mm)
Q'ty /
box
AB
1
2
3
4
5
6
7
8
9
10
12
*B1B-XH-AM
B2B-XH-AM
B3B-XH-AM
B4B-XH-AM
B5B-XH-AM
B6B-XH-AM
B7B-XH-AM
B8B-XH-AM
B9B-XH-AM
B10B-XH-AM
B12B-XH-AM
―
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
27.5
―
7.4
9.9
12.4
14.9
17.4
19.9
22.4
24.9
27.4
32.4
1,000
1,000
1,000
500
500
500
500
250
250
250
250
Material and Finish
Post: Brass, copper-undercoated, tin-plated (reflow treatment)
Wafer: PA 66, UL94V-0, natural (white)
RoHS compliance This product displays (LF)(SN) on a label.
Note: *Marked product is not UL/CSA/TU
¨ V approved.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B1B-XH-AM-oo-
(blank)…natural (white)
BK…black R…red E…blue Y…yellow L…lemon yellow
M…green
Top entry type with a boss
0.64
A
2.45
B
1.6
(2.35)
5.75
2.0
φ1.0
(2 circuits)
(1 circuit)
0.64
A
B
2.45
φ1.0
5.75
2.5 1.6
2.0
(2.35)
(3 to 12 circuits)
(2.35)
5.75
4.35
1.5
0.64
4.9
Circuits
Model No.
Dimensions (mm)
AB
Q'ty /
reel
Material and Finish
5.0
7.5
12.5
S3B-XH-SM4-TB
S4B-XH-SM4-TB
S6B-XH-SM4-TB
12.5
15.0
20.0
500
500
500
3
4
6
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: PA 6T, UL94V-0, natural (ivory)
Solder tab: Brass, copper-undercoated, tin-plated (reflow treatment)
RoHS compliance This product displays (LF)(SN) on a label.
Note: The products listed above are supplied on embossed-tape.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
S3B-XH-SM4-oo-TB-
(blank)…natural (ivory)
M…green R…red
E…blue L…lemon yellow
Through-hole type shrouded header
The shrouded headers are interchangeable with those of the NR and NRD insulation displacement connectors, and JQ board-to-board connectors.
SMT type shrouded header



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com