Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5553AVF132 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC5553AVF132
Description  Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553AVF132 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC5553AVF132 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
MPC5553 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
4
3
Electrical Characteristics
This section contains detailed information on power considerations, DC/AC electrical characteristics, and
AC timing specifications for the MCU.
3.1
Maximum Ratings
MPC5553MVF80
MPC5553 Lead 208 package
80
82
-40° C to 125° C
MPC5553MVM80
MPC5553 Lead free 208 package
80
82
-40° C to 125° C
1
Speed is the nominal maximum frequency. Max Speed is the maximum speed allowed including any frequency
modulation. 80-MHz parts allow for 80 MHz + 2% modulation. However, 132-MHz allows only 128 MHz + 2% FM.
Table 2. Absolute Maximum Ratings1
Num
Characteristic
Symbol
Min
Max2
Unit
1
1.5V Core Supply Voltage 3
VDD
– 0.3
1.7
V
2
Flash Program/Erase Voltage
VPP
– 0.3
6.5
V
3
Flash Core Voltage
VDDF
– 0.3
1.7
V
4
Flash Read Voltage
VFLASH
– 0.3
4.6
V
5
SRAM Standby Voltage
VSTBY
– 0.3
1.7
V
6
Clock Synthesizer Voltage
VDDSYN
– 0.3
4.6
V
7
3.3V I/O Buffer Voltage
VDD33
–0.3
4.6
V
8
Voltage Regulator Control Input Voltage
VRC33
–0.3
4.6
V
9
Analog Supply Voltage (reference to VSSA)VDDA
– 0.3
5.5
V
10
I/O Supply Voltage (Fast I/O Pads) 4
VDDE
– 0.3
4.6
V
11
I/O Supply Voltage (Slow/Medium I/O Pads) 4
VDDEH
– 0.3
6.5
V
12
DC Input Voltage5
VDDEH powered I/O Pads, except eTPUB15 and
SINB (DSPI_B_SIN)
VDDEH powered I/O Pads (eTPUB15 and SINB)
VDDE powered I/O Pads
VIN
–1.06
–0.37
–1.06
6.58
6.58
4.69
V
13
Analog Reference High Voltage (reference to VRL)
VRH
– 0.3
5.5
V
14
VSS Differential Voltage
VSS – VSSA
– 0.1
0.1
V
15
VDD Differential Voltage
VDD – VDDA
– VDDA
VDD
V
16
VREF Differential Voltage
VRH – VRL
– 0.3
5.5
V
17
VRH to VDDA Differential Voltage
VRH – VDDA
– 5.5
5.5
V
18
VRL to VSSA Differential Voltage
VRL – VSSA
– 0.3
0.3
V
19
VDDEH to VDDA Differential Voltage
VDDEH – VDDA
–VDDA
VDDEH
V
20
VDDF to VDD Differential Voltage
VDDF – VDD
–0.3
0.3
V
21
This spec has been moved to Table 9, spec 43a.
22
VSSSYN to VSS Differential Voltage
VSSSYN – VSS
–0.1
0.1
V
Table 1. Orderable Part Numbers (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com