Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5553AVF132 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC5553AVF132
Description  Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553AVF132 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC5553AVF132 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
Electrical Characteristics
MPC5553 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
7
performance. When the clearance between through vias leave the planes virtually disconnected, the
thermal performance is also greatly reduced.
As a general rule, the value obtained on a single layer board is appropriate for the tightly packed printed
circuit board. The value obtained on the board with the internal planes is usually appropriate if the
application board has one oz (35 micron nominal thickness) internal planes, the components are well
separated, and the overall power dissipation on the board is less than 0.02 W/cm2.
The thermal performance of any component depends strongly on the power dissipation of surrounding
components. In addition, the ambient temperature varies widely within the application. For many natural
convection and especially closed box applications, the board temperature at the perimeter (edge) of the
package is approximately the same as the local air temperature near the device. Specifying the local
ambient conditions explicitly as the board temperature provides a more precise description of the local
ambient conditions that determine the temperature of the device.
At a known board temperature, the junction temperature is estimated using the following equation:
TJ = TB + (RθJB × PD)
where:
TJ = junction temperature (oC)
TB = board temperature at the package perimeter (oC/W)
RθJB = junction to board thermal resistance (oC/W) per JESD51-8
PD = power dissipation in the package (W)
When the heat loss from the package case to the air can be ignored, acceptable predictions of junction
temperature can be made. The application board should be similar to the thermal test condition, with the
component soldered to a board with internal planes.
Historically, the thermal resistance has frequently been expressed as the sum of a junction to case thermal
resistance and a case to ambient thermal resistance:
RθJA = RθJC + RθCA
where:
RθJA = junction to ambient thermal resistance (oC/W)
RθJC = junction to case thermal resistance (oC/W)
RθCA = case to ambient thermal resistance (oC/W)
RθJC is device related and cannot be influenced by the user. The user controls the thermal environment to
change the case to ambient thermal resistance, RθCA. For instance, the user can change the air flow around
the device, add a heat sink, change the mounting arrangement on printed circuit board, or change the
thermal dissipation on the printed circuit board surrounding the device. This description is most useful for
packages with heat sinks where some 90% of the heat flow is through the case to the heat sink to ambient.
For most packages, a better model is required.
A more accurate two-resistor thermal model can be constructed from the junction to board thermal
resistance and the junction to case thermal resistance. The junction to case covers the situation where a
heat sink will be used or where a substantial amount of heat is dissipated from the top of the package. The
junction to board thermal resistance describes the thermal performance when most of the heat is conducted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com