Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCF8201 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCF8201
Description  Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8201 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCF8201 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8201 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8201 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8201 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8201 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8201 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8201 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPCF8201
2003-11-10
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCF8201
Notebook PC Applications
Portable Equipment Applications
• Low drain-source ON resistance: RDS (ON) = 38 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 5.4 S (typ.)
• Low leakage current: IDSS = 10 µA (max) (VDS = 20 V)
• Enhancement-model: Vth = 0.5 to 1.2 V
(VDS = 10 V, ID = 200 µA)
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
20
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
20
V
Gate-source voltage
VGSS
±12
V
DC
(Note 1)
ID
3
Drain current
Pulse
(Note 1)
IDP
12
A
Single-device operation
(Note 3a)
PD (1)
1.35
Drain power
dissipation
(t
= 5 s) (Note 2a) Single-device value at
dual operation (Note 3b)
PD (2)
1.12
Single-device operation
(Note 3a)
PD (1)
0.53
Drain power
dissipation
(t
= 5 s) (Note 2b) Single-device value at
dual operation (Note 3b)
PD (2)
0.33
W
Single pulse avalanche energy
(Note 4)
EAS
1.46
mJ
Avalanche current
IAR
1.5
A
Repetitive avalanche energy
Single-device value at dual operation
(Note 2a, 3b, 5)
EAR
0.11
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: For (Note 1), (Note 2), (Note 3), (Note 4), (Note 5) and (Note 6),
please refer to the next page.
This transistor is an electrostatic sensitive device. Please handle with
caution.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-3U1B
Weight: 0.011 g (typ.)
Circuit Configuration
Marking (Note 6)
8
1
5
4
F4A
1
2
3
4
8
7
6
5


Similar Part No. - TPCF8201

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCF8201 TOSHIBA-TPCF8201 Datasheet
232Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
16-Jan-2007
TPCF8201 TOSHIBA-TPCF8201 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPCF8201 VBSEMI-TPCF8201 Datasheet
1Mb / 8P
Dual N-Channel 20 V (D-S) MOSFET
logo
Toshiba Semiconductor
TPCF8201 TOSHIBA-TPCF8201_07 Datasheet
232Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
16-Jan-2007
More results

Similar Description - TPCF8201

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8204 TOSHIBA-TPCS8204 Datasheet
304Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
14-Feb-2002
TPCS8209 TOSHIBA-TPCS8209 Datasheet
362Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8208 TOSHIBA-TPC8208 Datasheet
226Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6003 TOSHIBA-TPC6003 Datasheet
159Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6005 TOSHIBA-TPC6005 Datasheet
188Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
17-Dec-2001
TPCS8211 TOSHIBA-TPCS8211 Datasheet
224Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
20-Feb-2003
TPCS8208 TOSHIBA-TPCS8208 Datasheet
205Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8207 TOSHIBA-TPC8207 Datasheet
219Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6104 TOSHIBA-TPC6104 Datasheet
205Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
06-Jul-2004
TPCA8102 TOSHIBA-TPCA8102 Datasheet
182Kb / 4P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
29-Aug-2003
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com