Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29PDL129H Datasheet(PDF) 49 Page - SPANSION

Part # AM29PDL129H
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control and Dual chip Enable
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDL129H Datasheet(HTML) 49 Page - SPANSION

Back Button AM29PDL129H Datasheet HTML 41Page - SPANSION AM29PDL129H Datasheet HTML 42Page - SPANSION AM29PDL129H Datasheet HTML 43Page - SPANSION AM29PDL129H Datasheet HTML 44Page - SPANSION AM29PDL129H Datasheet HTML 45Page - SPANSION AM29PDL129H Datasheet HTML 46Page - SPANSION AM29PDL129H Datasheet HTML 47Page - SPANSION AM29PDL129H Datasheet HTML 48Page - SPANSION AM29PDL129H Datasheet HTML 49Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 49 / 49 page
background image
November 2, 2005
Am29PDL129H
47
Table 7. Am29PDL129H Boot Sector/Sector Block
Addresses for Protection/Unprotection
Broke table up into CE1# and CE2# versions and made
modifications to table values to reflect change.
WP# Hardware Protection
Indicated that a write protect pin that can prevent pro-
gram or erase operations in sectors SA1-133, SA1-
134, SA2-0 and SA2-1.
Table 15. Sector Protection Command Definitions
Corrected typos in the PPB status row.
Added Note 17 to PPB Program and PPB Lock Bit Set
commands.
Added Note 18 to DYB Status.
Test Conditions
Added note to Figure 10.
Table 16. Test Specifications
Added specific speed options to table.
CMOS Compatible Table
Added CE# = VSS to ICC4 and ICC5.
Figure 11. Input Waveforms and Measurement
Levels
Modified values to read VCC.
Revision B+1 (August 8, 2003)
Ordering Information
Corrected typo in package marking.
Revision B+2 (December 5, 2003)
Global
Deleted the 83 speed option (85 ns tACC, VIO = 2.7–
3.6V). Replaced the 88 speed option (85 ns tACC, VIO
= 1.65–1.95V) with 78 (70 ns tACC, VIO = 1.65–1.95V).
Distinctive Characteristics
Performance Characteristics: Under Power Consump-
tion bullet, changed active read current from 55 to 45
mA; changed program/erase current from 25 to 15
mA.
Connection Diagrams
Corrected signal descriptions for balls G1 and J1 on
80-ball fine-pitch BGA package (VBB080).
DC Characteristics
Changed IOL test conditions for VOL from 4.0 mA to 2.0
mA.
Table 16, Test Specifications
Changed CL from 70 pF to 30 pF. Added note for 70
pF load capacitance.
AC Characteristics
Read-only Operations table: Added note for 70 pF
load capacitance.
SecSiTM (Secured Silicon) Sector Flash Memory
Region
Customer-Lockable Area: Added sector protection fig-
ure and changed figure reference in this section from
Figure 1 to Figure 3.
Table 16. Sector Protection Command Definitions
Corrected number of cycles for SecSi Protection Bit
Status, PPMLB Status, and SPMLB Status from 4 to 5
cycles. For these command sequences, inserted a
cycle before the final read cycle (RD0).
Revision B+3 (November 2, 2005)
Updated migration statement on cover page and first
page of data sheet.
This product has been retired and is not available for
designs. For new and current designs, Am29PDL129J
supersedes Am29PDL129H and is the factory-recom-
mende d mig r ation pa th. P l ease refe r to th e
Am29PDL129J datasheet for specifications and order-
ing infor mation. Availability of this document is
retained for reference and historical purposes only.
Updated trademarks.
Trademarks
Copyright © 2000
−2005 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com