Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29PDL129H Datasheet(PDF) 25 Page - SPANSION

Part # AM29PDL129H
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control and Dual chip Enable
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDL129H Datasheet(HTML) 25 Page - SPANSION

Back Button AM29PDL129H Datasheet HTML 21Page - SPANSION AM29PDL129H Datasheet HTML 22Page - SPANSION AM29PDL129H Datasheet HTML 23Page - SPANSION AM29PDL129H Datasheet HTML 24Page - SPANSION AM29PDL129H Datasheet HTML 25Page - SPANSION AM29PDL129H Datasheet HTML 26Page - SPANSION AM29PDL129H Datasheet HTML 27Page - SPANSION AM29PDL129H Datasheet HTML 28Page - SPANSION AM29PDL129H Datasheet HTML 29Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
November 2, 2005
Am29PDL129H
23
Once the is locked and verified, the system must write the Exit Region command sequence to return to reading and
writing the remainder of the array.
The must be used with caution since, once locked, there is no procedure available for unlocking the area and none
of the bits in the memory space can be modified in any way.
SecSi Sector Protection Bits
The SecSi Sector Protection Bits prevent programming of the SecSi Sector memory area. Once set, the SecSi
Sector memory area contents are non-modifiable.
Figure 4.
SecSi Sector Protect Verify
COMMON FLASH MEMORY INTERFACE (CFI)
The Common Flash Interface (CFI) specification outlines device and host system software interrogation hand-
shake, which allows specific vendor-specified software algorithms to be used for entire families of devices. Soft-
ware support can then be device-independent, JEDEC ID-independent, and forward- and backward-compatible for
the specified flash device families. Flash vendors can standardize their existing interfaces for long-term compatibil-
ity.
This device enters the CFI Query mode when the system writes the CFI Query command, 98h, to address 55h, any
time the device is ready to read array data. The system can read CFI information at the addresses given in Tables
10–13. To terminate reading CFI data, the system must write the reset command. The CFI Query mode is not ac-
cessible when the device is executing an Embedded Program or embedded Erase algorithm.
The system can also write the CFI query command when the device is in the autoselect mode. The device enters
the CFI query mode, and the system can read CFI data at the addresses given in Tables 10–13. The system must
write the reset command to return the device to reading array data.
For further information, please refer to the CFI Specification and CFI Publication 100, available via the World Wide
Web at http://www.amd.com/flash/cfi. Alternatively, contact an AMD representative for copies of these documents.
Table 10.
CFI Query Identification String
Addresses
Data
Description
Write 60h to
any address
Write 40h to SecSi
Sector address
with A6 = 0,
A1 = 1, A0 = 0
START
RESET# =
VIH or VID
Wait 1
μs
Read from SecSi
Sector address
with A6 = 0,
A1 = 1, A0 = 0
If data = 00h,
SecSi Sector is
unprotected.
If data = 01h,
SecSi Sector is
protected.
Remove VIH or VID
from RESET#
Write reset
command
SecSi Sector
Protect Verify
complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com