Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29CD032J Datasheet(PDF) 28 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 28 Page - SPANSION

Back Button S29CD032J Datasheet HTML 24Page - SPANSION S29CD032J Datasheet HTML 25Page - SPANSION S29CD032J Datasheet HTML 26Page - SPANSION S29CD032J Datasheet HTML 27Page - SPANSION S29CD032J Datasheet HTML 28Page - SPANSION S29CD032J Datasheet HTML 29Page - SPANSION S29CD032J Datasheet HTML 30Page - SPANSION S29CD032J Datasheet HTML 31Page - SPANSION S29CD032J Datasheet HTML 32Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 76 page
background image
26
S29CD-J & S29CL-J Flash Family
S29CD-J_CL-J_00_B1 September 27, 2006
Data
Sheet
(Pre limin ar y)
address must appear on the appropriate highest order address bits. Table 8.7 shows the remaining address
bits that are don’t care. When all necessary bits have been set as required, the programming equipment may
then read the corresponding identifier code on DQ7–DQ0.
To access the autoselect codes in-system, the host system can issue the autoselect command via the
command. This method does not require VID. See Section 20.1, Command Definitions on page 69 for details
on using the autoselect mode. Autoselect mode can be used in either synchronous (Burst) mode or
asynchronous (Non Burst) mode.
The system must write the reset command to exit the autoselect mode and return to reading the array data.
See Table 8.7 for command sequence details.
Legend
L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Note
The autoselect codes can also be accessed in-system via command sequences. See Table 20.2.
8.6
VersatileI/O™ (VIO) Control
The VersatileI/O (VIO) control allows the host system to set the voltage levels that the device generates at its
data outputs and the voltages tolerated at its data inputs to the same voltage level that is asserted on the VIO
pin. The output voltage generated on the device is determined based on the VIO (VCCQ) level. For the 2.6 V
(CD-J), a VIO of 1.65 V–3.6 V (CD032J has a VIO of 1.65 V to 2.75 V) allows the device to interface with I/Os
lower than 2.5 V. For a 3.3 V VCC (CL-J), a VIO of 1.65 V–3.60 V allows the device to interface with I/Os lower
than 3.0 V.
8.7
Program/Erase Operations
These devices are capable of several modes of programming and or erase operations which are described in
detail in the following sections. However, prior to any programming and or erase operation, devices must be
set up appropriately as outlined in the configuration register (Table 8.5 on page 25). During a synchronous
write operation, to write a command or command sequence (including programming data to the device and
erasing sectors of memory), the system must drive AVD# and CE# to VIL, and OE# to VIH when providing an
address to the device, and drive WE# and CE# to VIL, and OE# to VIH when writing commands or
programming data.
8.7.1
Programming
Programming is a four-bus-cycle operation. The program command sequence is initiated by writing two
unlock write cycles, followed by the program setup command. The program address and data are written
next, which in turn initiate the Embedded Program algorithm. The system is not required to provide further
controls or timings. The device automatically generates the program pulses and verifies the programmed cell
Table 8.7 S29CD-J & S29CL-J Flash Family Autoselect Codes (High Voltage Method)
Description
CE#
OE#
WE#
A19
to
A11
A10
A9
A8
A7
A6
A5
to
A4
A3
A2
A1
A0
DQ7
to DQ0
Manufacturer ID: Spansion
L
L
H
X
X
VID
XX
L
XXX
L
L
0001h
Read Cycle 1
L
L
H
X
X
VID
X
L
L
X
L
L
L
H
007Eh
Read Cycle 2
L
L
H
X
X
VID
X
LLL
H
H
H
L
08h or 36h for CD016J
46h for CL016J
09h for CD032J
49h for CL032J
Read Cycle 3
L
L
H
X
X
VID
X
L
L
L
HHHH
0000h
Top Boot Option
0001h
Bottom Boot Option
PPB Protection Status
L
L
H
SA
X
VID
X
LLLLL
H
L
0000h (unprotected)
0001h (protected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com