Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29CL032J Datasheet(PDF) 30 Page - SPANSION

Part # S29CL032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CL032J Datasheet(HTML) 30 Page - SPANSION

Back Button S29CL032J Datasheet HTML 26Page - SPANSION S29CL032J Datasheet HTML 27Page - SPANSION S29CL032J Datasheet HTML 28Page - SPANSION S29CL032J Datasheet HTML 29Page - SPANSION S29CL032J Datasheet HTML 30Page - SPANSION S29CL032J Datasheet HTML 31Page - SPANSION S29CL032J Datasheet HTML 32Page - SPANSION S29CL032J Datasheet HTML 33Page - SPANSION S29CL032J Datasheet HTML 34Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
28
S29CD-J & S29CL-J Flash Family
S29CD-J_CL-J_00_B1 September 27, 2006
Data
Sheet
(Pre limin ar y)
successful sector erase, all locations within the erased sector contain FFFFh. The system is not required to
provide any controls or timings during these operations.
After the command sequence is written, a sector erase time-out of no less than 80 µs occurs. During the time-
out period, additional sector addresses and sector erase commands may be written. Loading the sector erase
buffer may be done in any sequence, and the number of sectors may be from one sector to all sectors. The
time between these additional cycles must be less than 80 µs. Any sector erase address and command
following the exceeded time-out (80 µs) may or may not be accepted. A time-out of 80 µs from the rising edge
of the last WE# (or CE#) initiates the execution of the Sector Erase com-mand(s). If another falling edge of
the WE# (or CE#) occurs within the 80 µs time-out window, the timer is reset. Any command other than
Sector Erase or Erase Suspend during the time-out period resets that bank to the read mode. The system
can monitor DQ3 to determine if the sector erase timer has timed out (See Section 8.8.6, DQ3: Sector Erase
Timer on page 35.) The time-out begins from the rising edge of the final WE# pulse in the command
sequence.
When the Embedded Erase algorithm is complete, the bank returns to reading array data; addresses are no
longer latched. The system can determine the status of the erase operation by reading DQ7 or DQ6/DQ2 in
the erasing bank. Refer to Section 8.8, Write Operation Status on page 31 for information on these status
bits.
Once the sector erase operation has begun, only the Erase Suspend command is valid. All other commands
are ignored. However, note that a hardware reset immediately terminates the erase operation. If that occurs,
the sector erase command sequence should be re-initiated once that bank has returned to reading array
data, in order to ensure data integrity.
Figure 8.6 on page 29 illustrates the algorithm for the erase operation. Refer to Section 8.7, Program/Erase
Operations on page 26 for parameters and timing diagrams.
8.7.3
Chip Erase
Chip erase is a six-bus cycle operation as indicated by Section 20.1, Command Definitions on page 69. The
Chip Erase command is used to erase the entire flash memory contents of the chip by issuing a single
command. However, chip erase does not erase protected sectors.
This command invokes the Embedded Erase algorithm, which does not require the system to preprogram
prior to erase. The Embedded Erase algorithm automatically preprograms and verifies the entire memory for
an all-zero data pattern prior to electrical erase. After a successful chip erase, all locations of the chip contain
FFFFh. The system is not required to provide any controls or timings during these operations. Section 20.1 in
the appendix shows the address and data requirements for the chip erase command sequence.
When the Embedded Erase algorithm is complete, that bank returns to the read mode and addresses are no
longer latched. The system can determine the status of the erase operation by using DQ7, DQ6 or the RY/
BY#. Refer to Section 8.8, Write Operation Status on page 31 for information on these status bits.
Any commands written during the chip erase operation are ignored. However, note that a hardware reset
immediately terminates the erase operation. If that occurs, the chip erase command sequence should be
reinitiated once that bank has returned to reading array data, to ensure data integrity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com