Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29CL032J Datasheet(PDF) 39 Page - SPANSION

Part # S29CL032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CL032J Datasheet(HTML) 39 Page - SPANSION

Back Button S29CL032J Datasheet HTML 35Page - SPANSION S29CL032J Datasheet HTML 36Page - SPANSION S29CL032J Datasheet HTML 37Page - SPANSION S29CL032J Datasheet HTML 38Page - SPANSION S29CL032J Datasheet HTML 39Page - SPANSION S29CL032J Datasheet HTML 40Page - SPANSION S29CL032J Datasheet HTML 41Page - SPANSION S29CL032J Datasheet HTML 42Page - SPANSION S29CL032J Datasheet HTML 43Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
September 27, 2006 S29CD-J_CL-J_00_B1
S29CD-J & S29CL-J Flash Family
37
Da ta
Shee t
(Prelim i nar y )
8.9
Reset Command
Writing the reset command resets the device to the read or erase-suspend-read mode. Address bits are don’t
cares for this command.
The reset command may be written between the cycles in an erase command sequence before erasing
begins. This resets the device to the read mode. However, once erasure begins, the device ignores the reset
commands until the operation is complete.
The reset command may be written between the cycles in a program command sequence before
programming begins. This resets the device to the read mode. If the program command sequence is written
while the device is in the Erase Suspend mode, writing the reset command returns the device to the erase-
suspend-read mode. However, once programming begins, the device ignores the reset commands until the
operation is complete.
The reset command may be written between the cycles in an autoselect command sequence. Once in the
autoselect mode, the reset command must be written to exit the autoselect mode and return to the read
mode.
If DQ5 goes high during a program or erase operation, writing the reset command returns the device to the
read mode or erase-suspend-read-mode if the device was in Erase Suspend. When the reset command is
written, before the embedded operation starts, the device requires tRR before it returns to the read or erase-
suspend-read mode.
9.
Advanced Sector Protection/Unprotection
The Advanced Sector Protection/Unprotection feature disables or enables programming or erase operations
in any or all sectors and can be implemented through software and/or hardware methods, which are
independent of each other. This section describes the various methods of protecting data stored in the
memory array. An overview of these methods in shown in Figure 9.1.
Table 8.10 Reset Command Timing
Parameter
Description
Max.
Unit
tRR
Reset Command to Read Mode
or Erase-Suspend-Read Mode
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com