Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6234 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6234
Description  THREE PHASE MOTOR DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6234 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6234 Datasheet HTML 2Page - STMicroelectronics L6234 Datasheet HTML 3Page - STMicroelectronics L6234 Datasheet HTML 4Page - STMicroelectronics L6234 Datasheet HTML 5Page - STMicroelectronics L6234 Datasheet HTML 6Page - STMicroelectronics L6234 Datasheet HTML 7Page - STMicroelectronics L6234 Datasheet HTML 8Page - STMicroelectronics L6234 Datasheet HTML 9Page - STMicroelectronics L6234 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
0
8
16
24
32
40
48
0
1
2
3
4
5
6
7
8
9
10
Vs [V ]
Iq [m A ]
T j = -40°C
Tj = 2 5 °C
T j = 10 0°C
T j = 13 0°C
Figure 1. Quiescent Current vs. Supply Volt-
age.
0
102030
405060
0.75
1
1.25
1.5
1.75
fsw [kHz]
Iq/(Iq@ 500Hz)
Tj = -40°C
Tj = 25 °C
Tj = 13 0°C
Figure 2. Normalized Quiescent Current vs.
switching frequency.
-50
-25
0
25
50
75
100
125
150
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Tj [°C ]
VSD [V ]
Iou t=4A
Figure 4. Source Drain Forward ON voltage
vs. Junction Temperature.
0
1 02 0
3 04 0
5 0
0
2
4
6
8
10
12
Vs [V ]
Vre f [V ]
Tj = 2 5 °C
Figure 6. Reference Voltage vs. Supply Voltage.
00 .5
11 .5
2
0
1
2
3
4
5
VS D [V ]
IS D [A ]
Tj = 2 5 °C
DM O S (O N)
DM O S ( O F F )
Figure 5. Typical Diode Forward ON charac-
teristics
0
8
16
24
32
40
48
0
0. 1
0. 2
0. 3
0. 4
0. 5
0. 6
0. 7
Vs [ V ]
RDS ( O N)
[Ω ]
T j = 1 30° C
Tj = 2 5 ° C
T j= - 40° C
Io u t = 4 A
Figure 3. Typical RDS (ON) vs. Supply Voltage.
L6234
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com