Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6234 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6234
Description  THREE PHASE MOTOR DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6234 Datasheet(HTML) 3 Page - STMicroelectronics

  L6234 Datasheet HTML 1Page - STMicroelectronics L6234 Datasheet HTML 2Page - STMicroelectronics L6234 Datasheet HTML 3Page - STMicroelectronics L6234 Datasheet HTML 4Page - STMicroelectronics L6234 Datasheet HTML 5Page - STMicroelectronics L6234 Datasheet HTML 6Page - STMicroelectronics L6234 Datasheet HTML 7Page - STMicroelectronics L6234 Datasheet HTML 8Page - STMicroelectronics L6234 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
THERMAL DATA
Symbol
Parameter
DIP16+2+2
PowerSO20
Unit
Rth j-pin
Thermal Resistance, Junction to Pin
12
–
°C/W
Rth j-amb1
Thermal Resistance, Junction to Ambient
(see Thermal Characteristics)
40
–
°C/W
Rth j-amb2
Thermal Resistance, Junction to Ambient (see Thermal
Characteristics)
50
–
°C/W
Rth j-case
Thermal Resistance Junction-case
–1.5
°C/W
Figure 1: Printed Heatsink
THERMAL CHARACTERISTICS
Rth j-pins
DIP16+2+2. The thermal resistance is referred to
the thermal path from the dissipating region on
the top surface of the silicon chip, to the points
along the four central pins of the package, at a
distance of 1.5 mm away from the stand-offs.
Rth j-amb1
If a dissipating surface, thick at least 35
µm, and
with a surface similar or bigger than the one
shown, is created making use of the printed cir-
cuit.
Such heatsinking surface is considered on the
bottom side of an horizontal PCB (worst case).
Rth j-amb2
If the power dissipating pins (the four central
ones), as well as the others, have a minimum
thermal connection with the external world (very
thin strips only) so that the dissipation takes place
through still air and through the PCB itself.
It is the same situation of point above, without any
heatsinking surface created on purpose on the
board.
Additional data on the PowerDip and the
PowerSO20 package can be found in:
Application Note AN467:
Thermal Characteristics of the PowerDip
20,24 Packages Soldered on 1,2,3 oz.
Copper PCB
Application Note AN668:
A New High Power IC Surface Mount Package:
PowerSO20 Power IC Packaging from Insertion
to Surface Mounting.
L6234
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com