Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UP6281ASU8 Datasheet(PDF) 1 Page - uPI Group Inc.

Part # UP6281ASU8
Description  12V MOSFET Drivers with Output Disable for Single Phase Synchronous-Rectified Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6281ASU8 Datasheet(HTML) 1 Page - uPI Group Inc.

  UP6281ASU8 Datasheet HTML 1Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 2Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 3Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 4Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 5Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 6Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 7Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 8Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
uPI Semiconductor Corp., http://www.upi-semi.com
Rev. F03, File Name: uP6281-DS-F0300
uP6281
1
12V MOSFET Drivers with Output Disable
for Single Phase Synchronous-Rectified Buck Converter
All-In-One Synchronous Buck Drivers
Bootstrapped High-Side Driver
Adaptive Anti-Shoot-Through Protection
Circuitry
1 PWM Signal Generates both Drivers
Tri-State Input for Bridge Shutdown
Output Disable Control Turns Off both MOSFETs
Under Voltage Lockout for Supply Input
PSOP-8L or WDFN3x3-8L Packages
RoHS Compliant and Halogen Free
r
e
b
m
u
N
r
e
d
r
Oe
p
y
T
e
g
a
k
c
a
Pk
r
a
m
e
R
8
U
S
A
1
8
2
6
P
uL
8
-
P
O
S
P
8
D
D
A
1
8
2
6
P
uL
8
-
3
x
3
N
F
D
W
Core Voltage Supplies for Desktop,
Motherboard CPUs
High Frequency Low Profile DC/DC Converters
High Current Low Voltage DC/DC Converters
General Description
Applications
Ordering Information
Features
The uP6281 is a dual, high voltage MOSFET driver optimized
for driving two N-Channel MOSFETs in a synchronous-
rectified buck converter. Each driver is capable of driving a
5000pF load with 30ns transition time. This device combined
with uPI multi-phase buck PWM controller forms a complete
core voltage regulator for advanced micro-processors.
The uP6281 features adaptive anti-shoot-through protection
that prevents cross-conduction of the external MOSFET
while maintains minimum deadtime for optimized efficiency.
Both gate drives are turned off by pulling low OD# pin or
high-impedance at PWM pin, preventing rapid output
capacitor discharge during system shutdowns.
Other feature is supply input under voltage lockout. The
uP6281 is available in thermal enhanced PSOP-8L or
WDFN3x3-8L packages.
Pin Configuration & Typical Application Circuit
8
UGATE
BOOT
PHASE
GND
LGATE
PWM
OD#
VCC
7
6
5
1
2
3
4
PWM
Input
VCC
VIN
VOUT
UGATE
BOOT
PHASE
GND
LGATE
PWM
OD#
VCC
1
2
3
4
6
7
8
PSOP-8L
GND
5
8 UGATE
BOOT
PHASE
GND
LGATE
PWM
OD#
VCC
WDFN3x3-8L
GND
7
6
5
1
2
3
4
Note: uPI products are compatible with the current IPC/
JEDEC J-STD-020 requirement. They are halogen-free,
RoHS compliant and 100% matte tin (Sn) plating that are
suitable for use in SnPb or Pb-free soldering processes.


Similar Part No. - UP6281ASU8

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
UP62 CARLOGAVAZZI-UP62 Datasheet
71Kb / 1P
Type UP 62 - ..
UP62-90 CARLOGAVAZZI-UP62-90 Datasheet
71Kb / 1P
Type UP 62 - ..
logo
uPI Group Inc.
UP6204 UPI-UP6204 Datasheet
337Kb / 19P
Compact Three-Phase Synchronous-Rectified Buck Controller
UP6204AQAJ UPI-UP6204AQAJ Datasheet
337Kb / 19P
Compact Three-Phase Synchronous-Rectified Buck Controller
More results

Similar Description - UP6281ASU8

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7145 ANPEC-APW7145 Datasheet
526Kb / 23P
3A, 12V, Synchronous-Rectified Buck Converter
APW7142 ANPEC-APW7142 Datasheet
525Kb / 22P
3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145_09 Datasheet
557Kb / 23P
3A, 12V, Synchronous-Rectified Buck Converter
logo
Richtek Technology Corp...
RT9611A RICHTEK-RT9611A Datasheet
228Kb / 15P
Synchronous Rectified Buck MOSFET Drivers
logo
Anpec Electronics Corop...
APW7142 ANPEC-APW7142_10 Datasheet
524Kb / 22P
3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145_11 Datasheet
559Kb / 23P
3A, 12V, Synchronous-Rectified Buck Converter
logo
uPI Group Inc.
UP1952 UPI-UP1952 Datasheet
230Kb / 13P
Single Phase Synchronous-Rectified Buck Converter
UP1952-MD UPI-UP1952-MD Datasheet
193Kb / 11P
Single Phase Synchronous-Rectified Buck Converter
UP1959 UPI-UP1959 Datasheet
175Kb / 13P
Single Phase Synchronous-Rectified Buck Converter
UP1959T-MD UPI-UP1959T-MD Datasheet
189Kb / 11P
Single Phase Synchronous-Rectified Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com