Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP-01 Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # IP-01
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP-01 Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button IP-01 Datasheet HTML 65Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 66Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 67Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 68Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 69Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 70Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 71Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 72Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
Made to Order Specifications: Solid State Auto Switch
-50: Without Indicator Light (Dark room) Specifications
-61: Oilproof Flexible Heavy-duty Cord Specifications
-50
Without Indicator Light (for dark room specifications)
Possible to use under the environment which hates a light.
50
D
Solid state auto switch model
Lead wire length
For lead wire length, refer to page 1584.
Without indicator light
(for dark room specifications)
2
Symbol
Applicable part no.: General purpose type,
solid state auto switch
except D-J51
Note) Please consult with
SMC for water
resistant type, timer
equipped type,
diagnostic output type,
wide range detection
type, magnetic field
resistant type, heat
resistant type.
61
D
Dimensions and specifications are common as standard products with the exception of no indicator light.
Oilproof Flexible Heavy-duty Cord Specifications
3
Symbol
-61
This is the product which uses a heavy-duty cord having flexible characteristics 5 times (SMC
comparison) as strong as oilproof heavy-duty cord used in the standard products.
Lead wire length
For lead wire length, refer to page 1584.
Oilproof flexible heavy-duty cord
specifications
Solid state auto switch part no.
Applicable part no: All the solid state auto
switches with the
exceptance of D-J51,
diagnostic output type,
terminal conduit type,
connector type,
magnetic field resistant
type, heat resistant
type
Oilproof flexible heavy-
duty cord is used for the
D-M9 (Except D-M9K and
D-M9
J), D-Y7 (Except
D-Y7K) and D-F6 series
as standard. No need to
suffix -61 to the end of
part number.
Note)
Specifications are the same as standard products with the exception of lead wire specifications.
Lead wire: For D-F8 type············ ø2.7, 0.15 mm2, 3 cores (Brown, Blue, Black), 2 cores (Brown, Blue)
For other model nos.··················· ø3.4, 0.15 mm2, 3 cores (Brown, Blue, Black), 2 cores (Brown, Blue)
Dimensions are identical with D-F5 type, G5 type, J59 type, K59 type. Lead wire diameter is changed from ø4 to ø3.4. In other series products,
it is common as standard product's specifications.
1650
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com