Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP-01 Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers

Part # IP-01
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP-01 Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers

Back Button IP-01 Datasheet HTML 83Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 84Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 85Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 86Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 87Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 88Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 89Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 90Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 91Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
∗ Refer to the applicable internal circuit diagram (numbers q to u) on page 1587.
Note 1) Refer to page 1584 for reed auto switch common specifications.
Auto switch model
D-P79WSE
100
Auto switch model
Lead wire minimum bending radius [mm] (Reference values)
D-P79WSE
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
ø6
2 cores
ø2.3
0.5
ø0.08
48
Oilproof Heavy-duty Lead Wire Specifications
Grommet
The proper operating range can
be determined by the color of
the light.
(Red
→ Green ← Red)
Precautions
Caution
Cylinder with a strong integrated magnet
must be used.
Auto Switch Specifications
PLC: Programmable Logic Controller
Refer to SMC website for the details of
the products conforming to the
international standards.
Auto switch model
Applicable load
Load voltage
Load current range
Internal circuit∗
Contact protection circuit
Internal voltage drop
Indicator light
Standard
PLC
24 VDC
8 to 20 mA
y
Built-in
6 V or less
CE marking
D-P79WSE
Dimensions
(mm)
44
16
300
5
32
5
D-P79WSE
Most sensitive position
Indicator light
Heat shrink tube Note)
Note) D-P79WSE = “SE 1 4-”
2 x ø3.4 through
2 x 2 x ø6
Counterbore depth 2.4
Connector size M12
Soft resin mold surface
(Mounting surface for the
switch mounting bracket side)
Caution
Please be careful of the mounting direction.
The soft resin mold surface must be directed to the switch mounting bracket side.
Operating range .......... Red LED illuminates.
Proper operating range .......... Green LED illuminates.
Weight
(g)
Magnetic Field Resistant 2-Color Indicator
Reed Auto Switch
D-P79WSE
(Electrical Entry: Pre-wired connector)
1668
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com