Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP-13 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # IP-13
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP-13 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button IP-13 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP-13 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP-13 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP-13 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP-13 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP-13 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP-13 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP-13 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP-13 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
Grommet
Note 1) Refer to page 1584 for solid state auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
D-F8
 (With indicator light)
Auto Switch Specifications
Auto switch model
Electrical entry direction
Wiring type
Output type
Applicable load
Power supply voltage
Current consumption
Load voltage
Load current
Internal voltage drop
Leakage current
Indicator light
Standard
D-F8N
Perpendicular
NPN
28 VDC or less
40 mA or less
D-F8B
Perpendicular
2-wire
—
24 VDC relay, PLC
—
—
24 VDC (10 to 28 VDC)
2.5 to 40 mA
4 V or less
0.8 mA or less at 24 VDC
D-F8P
Perpendicular
PNP
—
80 mA or less
0.8 V or less
1.5 V or less
(0.8 V or less
at 10 mA load current)
Red LED illuminates when turned ON.
CE marking, RoHS
100
µA or less at 24 VDC
3-wire
IC circuit, 24 VDC Relay, PLC
5, 12, 24 VDC (4.5 to 28 VDC)
10 mA or less
Refer to SMC website for the details of
the products conforming to the
international standards.
PLC: Programmable Logic Controller
Weight
Auto switch model
0.5 m (
Nil)
3 m (
L)
5 m (
Z)
D-F8N
D-F8P
D-F8B
7
32
52
(g)
Lead wire length
2 cores (Brown/Blue)
ø0.96
0.18
Auto switch model
D-F8N
D-F8P
D-F8B
3 cores (Brown/Blue/Black)
ø0.91
0.15
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
Minimum bending radius [mm] (Reference values)
ø2.7
ø0.08
17
Oilproof Heavy-duty Lead Wire Specifications
RoHS
Solid State Auto Switch
Direct Mounting Type
D-F8N/D-F8P/D-F8B
Precautions
Caution
Fix the auto switch with the existing screw
installed on the auto switch body. The auto
switch may be damaged if a screw other
than the one supplied is used.
Dimensions
D-F8N/D-F8P/D-F8B
M2.5 x 4 L
Slotted set screw
Indicator light
Most sensitive position
10
2
4.3
ø2.7
4
8
(mm)
1592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com