Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP-13 Datasheet(PDF) 92 Page - List of Unclassifed Manufacturers

Part # IP-13
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP-13 Datasheet(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button IP-13 Datasheet HTML 84Page - List of Unclassifed Manufacturers IP-13 Datasheet HTML 85Page - List of Unclassifed Manufacturers IP-13 Datasheet HTML 86Page - List of Unclassifed Manufacturers IP-13 Datasheet HTML 87Page - List of Unclassifed Manufacturers IP-13 Datasheet HTML 88Page - List of Unclassifed Manufacturers IP-13 Datasheet HTML 89Page - List of Unclassifed Manufacturers IP-13 Datasheet HTML 90Page - List of Unclassifed Manufacturers IP-13 Datasheet HTML 91Page - List of Unclassifed Manufacturers IP-13 Datasheet HTML 92Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 92 / 92 page
background image
Caution
D-B3 Series
Specific Product Precautions
Be sure to read this before handling the products.
Refer to back page 50 for Safety Instructions and pages 8 to 12 for Auto Switch Precautions.
1. Use the reed switch within the operating
range.
Take precautions about the ambient temperature because using
the reed switch beyond the operating range may affect its internal
electronic parts and sealing construction, causing abnormalities to
the service life of the contact, as well as operation and waterproof
performance of the switch.
Also, the maximum temperature of the environment where the
switch is used must be fully understood before operation is started
because the temperature of the environment where the auto
switch is installed may experience some changes after operation is
started due to factors other than air temperature such as influence
of radiation heat from the heat source, air circulation or heat
conduction.
2. Take precautions about the environment
where the auto switch is installed.
If conditions (water splashes, time, temperature) beyond the
normal ranges can be applied to the auto switch, use the auto
switch in an environment where it will not be directly exposed to
water splashes at a high temperature by installing a cover to
protect the entire auto switch, as long as it is possible. The
grommet type auto switch has a construction that will protect its
internal parts against water splashes at the normal temperature.
However, if the conditions (water splashes, time, temperature)
exceed the normal ranges, they may adversely affect the auto
switch internal insulation performance.
Also, confirm the applicability of the auto switch in the environment
because extreme heat cycles or a long-term high humidity may
cause functional deterioration of the auto switch protection
construction.
In principle, the terminal conduit type must be used in an
environment with no exposure to humidity or water because at
high temperatures, it may become impossible to achieve sufficient
waterproof effect due to deformation of lead wire sealant
depending on the heat resistance of the lead wire and cable
clamp.
3. Visibility of an indicator light
Because the auto switch uses light emitting diodes and neon bulbs
for display, continuous operation at a high temperature may cause
changes in characteristics of the entire display circuit. Also, the
transparency of the display window on the body may change
depending on the characteristics of the resin.
Because of the above factors, lighting under high temperature may
become dark, causing decline of visibility.
However, there could be no problem in output of the signal itself
and its safety owing to adoption of the OFF-state lighting system.
4. Take precautions about leakage current.
According to the heat resistant characteristics of its parts, the auto
switch adopts the OFF-state lighting system (the indicator light
lights up when the reed switch contact is open and goes off when
the reed switch contact is closed).
Since the current for indicator lighting is running when the auto
switch is off, confirm the allowable leakage current of PLC etc.
before selecting the model.
If the leakage current of the indicator light becomes a problem for
the PLC operation, select a model without an indicator light.
5. Keep the lead wire length as short as possi-
ble.
If a long lead wire is used because of the conditions of the plant or
equipment where the switch is installed, malfunction in the reed
switch reset operation may occur due to premature damage to the
contact surface caused by the inrush current resulting from the line
flotation capacity and influence of the electric field created by the
power line near the wiring.
Therefore, the maximum wiring length should be kept at 100 m or
less.
Avoid wiring in proximity with the power line. Also, if the length of
wiring in use is extremely long (30 m or longer), schedule
replacement in periodical maintenance.
The basic guidelines for replacement are a total wiring length of
100 m between the load and the auto switch and 1 million cycles
of operation (at 120
°C , 100 VAC PLC load).
6. Install the auto switch at the center of the
operating range.
The operation range of the auto switch is set at approximately
double that of the standard type in consideration of the mounting
error when the detection position is set. However, this range is
subject to change with the temperature. Although the variation in
the operating range differs with the cylinder on which the auto
switch is mounted, a temperature change of 100
°C will roughly
result in the maximum of 20% reduction in the overall operation
range.
(Approximately 2 mm variation at the position where the auto
switch usually turns on)
Therefore, install the auto switch at the center of the operating
range (stable range), while understanding the possible change in
the operating range and considering the stability of the auto switch
operation.
(Avoid installation of the auto switch at the boundary where the
auto switch turns on or off.)
7. Selection of applicable cylinders
The auto switch should be mounted on special cylinders (-X1184
series) because it is operated by magnets using heat resistant
material.
Consult SMC in advance for special applications in which current
cylinder cannot be used because, depending on the operating
environment, it is possible that special measures should be taken
or even the cylinder cannot be adapted.
8. Maintenance
After the auto switch is installed under high temperature, apply
additonal tightening peiodically to the auto switch mounting band.
The rubber lining of the auto switch mounting band may need
some time to adapt to the environment because of temperature
chages in the installation environment. Perform additoinal
tightening at a tightening torque of 2 to 3 N
⋅m while carefully
applying equal torque to both lifting screws.
9. Product upgrades
The product is subject to change without prior notice due to
upgrades.
1673
D-
D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com