Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KHS800JB-AX-R1AA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KHS800JB-AX-R1AA
Description  Power Wirewound Resistor | Axial | Fiber glass core | ceramic case
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KHS800JB-AX-R1AA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KHS800JB-AX-R1AA Datasheet HTML 1Page - List of Unclassifed Manufacturers KHS800JB-AX-R1AA Datasheet HTML 2Page - List of Unclassifed Manufacturers KHS800JB-AX-R1AA Datasheet HTML 3Page - List of Unclassifed Manufacturers KHS800JB-AX-R1AA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
KHS Series Datasheet
Type
KHS400 KHS500 KHS700 KHS800 KHS10A KHS11A KHS17A
Historical Part Number
KH206-8
KH208-8
KH210-8
KH212-8
KH214-8
KH216-8
KH218-8
Derating Linear
[ºC]
70…350 (0W)
Climatic Category
55/200/21
Failure Rate
(Total
, ϑ
0 ,
max, 60[%] cont. lev.)
[10-9* h-1]
appr. 100 depends on value
Endurance
IEC60115-1 clause 4.25
(P70, @ 70[°C], 1000[h])
±[%]
3
Short Time Overload
IEC60115-1 clause 4.13
(10 times rated power for 5 seconds)
±[%]
2,0
Damp Heat, Steady State
IEC60115-1 clause 4.24
(40[°C], 93[% r.h.], 56[d])
±[%]
2
Climatic Sequence
IEC60115-1 clause 4.23
±[%]
2
Resistance to Soldering Heat
IEC60115-1 clause 4.18
(260±5[°C], 3,5±1[s])
±[%]
0,2
Terminal Strength
±[%]
1
Terminal Tensile Strength
[N]
50
Solderability
IEC60068-2-20
(245±5[ºC] 3±0,5[s])
Solder bath method (> 95% coverage)
Marking
IEC60062
Printed in clear
New P/Nr.
Type
Historical
P/N:
± 10
[%]
± 5
[%]
New P/Nr.
Type
Historical
P/N:
400 ± 50 ppm/K
-20 ± 60 ppm/K
0 ± 10 ppm/K
KHS400
KH206 - 8
0R051
0R1
KHS400
KH206 - 8
≥ 0R051
≤ 0R2
≥ 0R22
≤ 300R
≥ 330R
≤ 12K
KHS500
KH208 - 8
0R075
0R15
KHS500
KH208 - 8
≥ 0R075
≤ 0R3
≥ 0R33
≤ 470R
≥ 510R
≤ 15K
KHS700
KH210 - 8
0R11
0R33
KHS700
KH210 - 8
≥ 0R11
≤ 0R68
≥ 0R75
≤ 910R
≥ 1K
≤ 33K
KHS800
KH212 - 8
0R075
0R15
KHS800
KH212 - 8
≥ 0R075
≤ 0R3
≥ 0R33
≤ 470R
≥ 510R
≤ 15K
KHS10A
KH214 - 8
0R11
0R33
KHS10A
KH214 - 8
≥ 0R11
≤ 0R68
≥ 0R75
≤ 910R
≥ 1K
≤ 33K
KHS11A
KH216 - 8
0R15
0R51
KHS11A
KH216 - 8
≥ 0R15
≤ 1R
≥ 1R1
≤ 1K3
≥ 1K5
≤ 47K
KHS17A
KH218 - 8
0R27
0R91
KHS17A
KH218 - 8
≥ 0R27
≤ 1R6
≥ 1R8
≤ 2K4
≥ 2K7
≤ 82K
RESISTANCE RANGE (minimum)
TEMPERATURE COEFFICIENT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com