Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KHS800JB-AX-R1AA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KHS800JB-AX-R1AA
Description  Power Wirewound Resistor | Axial | Fiber glass core | ceramic case
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KHS800JB-AX-R1AA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KHS800JB-AX-R1AA Datasheet HTML 1Page - List of Unclassifed Manufacturers KHS800JB-AX-R1AA Datasheet HTML 2Page - List of Unclassifed Manufacturers KHS800JB-AX-R1AA Datasheet HTML 3Page - List of Unclassifed Manufacturers KHS800JB-AX-R1AA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
KHS Series Datasheet
Power Wirewound Resistor | Axial | Fiber glass core | ceramic case
Type
KHS400
KHS500
KHS700
KHS800
KHS10A
KHS11A
KHS17A
Historical Part Number
KH206-8
KH208-8
KH210-8
KH212-8
KH214-8
KH216-8
KH218-8
Nominal Power Rating P70
[W]
4
5
7
8
10
11
17
Resistance Range
Min.
[Ω]
Max.
Please check the table below
12K
15K
33K
15K
33K
47K
82K
(Other values upon request)
E-Series (preferred)
E24 = 5% ; E12 = 10% (Other upon request)
Tolerances
±[%]
J = 5% ; K = 10%
Temperature Coefficient
±[10-6*K-1]
Depends on the value, please check the table below
Working Temperature Range
[ºC]
-55 … +350
Thermal Resistance
[KW-1]
70
56
40
35
28
25
16
Insulation Resistance
IEC60115-1 clause 4.6
[MΩ]
> 104
Max. Working Voltage
[V]RMS
Dielectric Withstanding Voltage
IEC60115-1 clause 4.7 (1[min])
[V]RMS
2000
Type
Historical P/N:
L1
KHS400
KH206 - 8
20 ±1,0
KHS500
KH208 - 8
25 ±1,0
KHS700
KH210 - 8
38 ±1,0
KHS800
KH212 - 8
25 ±1,0
KHS10A
KH214 - 8
38 ±1,0
KHS11A
KH216 - 8
50 ±1,5
KHS17A
KH218 - 8
75 ±2,0
New SAP Part Nr.:
KHS
500
K
B
-
AX-
150R
AA
Serie
Power rating
Tol.
Pack-Code
TCR
Forming type
R Value
Special
J = ±5%
K = ±10%
B = Bulk
R = Tape Reel
- Base on
spec.
AX- = Axial
83- Inner Taping
dimension
AA =
Standard
Historical VTM Part Nr.:
KH208 – 8
5
B
150R
Type
Tol.
Pack-Code
R Value
J = ±5%
K = ±10%
B = Bulk
R = Tape Reel
Pulse version available
preforming ; Other preforming available
RoHs Compliant
KHS400...KHS700
KHS800…KHS17A
Industrial
Power & Energy


Similar Part No. - KHS800JB-AX-R1AA

ManufacturerPart #DatasheetDescription
logo
VITROHM
KHS800 VITROHM-KHS800 Datasheet
632Kb / 4P
Power Wirewound Resistor
Revision: 202010
More results

Similar Description - KHS800JB-AX-R1AA

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CCW IRCTT-CCW Datasheet
322Kb / 3P
Commercial Grade Power Axial Wirewound Resistor
logo
Vishay Siliconix
AC03 VISHAY-AC03 Datasheet
94Kb / 4P
Axial Cemented Wirewound Safety Resistor
24-May-12
logo
TT Electronics.
SPP1UL15R0JLF TTELEC-SPP1UL15R0JLF Datasheet
409Kb / 3P
Fibre Core Conformal Coated Wirewound Resistor
SPP2UL6R80JLF TTELEC-SPP2UL6R80JLF Datasheet
409Kb / 3P
Fibre Core Conformal Coated Wirewound Resistor
CCW TTELEC-CCW Datasheet
300Kb / 3P
Commercial Grade Power Axial Wirewound Resistor
SQP TTELEC-SQP_18 Datasheet
338Kb / 3P
Ceramic Case Resistors-Wirewound
SPP TTELEC-SPP_17 Datasheet
510Kb / 3P
Fibre Core Conformal Coated Wirewound Resistor
logo
Stackpole Electronics, ...
WCB SEI-WCB Datasheet
243Kb / 4P
Welded Ceramic Housed Axial Leaded Wirewound Resistor
7/8/2022
logo
List of Unclassifed Man...
KPS ETC-KPS Datasheet
576Kb / 3P
Power Wirewound Resistors | Radial | Fiber glass core | coated
KV206-3 ETC2-KV206-3 Datasheet
454Kb / 4P
Power Wirewound Resistors Ceramic case , Vertical
201601
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com