Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDEP147ME Datasheet(PDF) 82 Page - Sumida Corporation

Part # CDEP147ME
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP147ME Datasheet(HTML) 82 Page - Sumida Corporation

Back Button CDEP147ME Datasheet HTML 78Page - Sumida Corporation CDEP147ME Datasheet HTML 79Page - Sumida Corporation CDEP147ME Datasheet HTML 80Page - Sumida Corporation CDEP147ME Datasheet HTML 81Page - Sumida Corporation CDEP147ME Datasheet HTML 82Page - Sumida Corporation CDEP147ME Datasheet HTML 83Page - Sumida Corporation CDEP147ME Datasheet HTML 84Page - Sumida Corporation CDEP147ME Datasheet HTML 85Page - Sumida Corporation CDEP147ME Datasheet HTML 86Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 156 page
background image
82
EMC < Measurement condition, Product list >
Measurement condition
EMC
Product list
Rated current
Impedance Characteristics
Under the condition of
∆T=40°C
D.C.R.
Under the condition of Ta = 20
°C
HP4291A
Common mode
HP4291A
Normal mode
Noise mode
Type Name
Core shape
Core direction
Base
SMD
Note
Normal Mode
CSLF3228
CPFC43
CPFC74B
CPFC86
CPFC11D60
CSFC5D33
CPFC6D36
CPFC805
CSLF4D17
CSLF4D25
CPFC46
CBM42
CBM64B
CBM6068
CBM96
CRR32
CLP42B
CPFC54
CPFC74
CPFC85
CPFC8D55/MS
CSFC86
CSLF1205
SFC68
SFC1015
SFC99
BM1012LF
UU9TF
UU9TFH
BM27
SLF0912
PFN0716
PFN0818
PFN1318
PFN1025
PFN1329
PFN2029
UU9LF
UU9LFH
UU9LFB
UU9LFBH
UU10LF
UU10LFB
UU16LF
UU16LFB
LF1290
LF2115
LF2115B
PLF2117
LF2020
LF2020B
LF2429
LF2628
LF2823
LF2420
PFC1816
PFC1816B
PFC2225B
PFC2831C
Shape
 Shape
Shape
Shape
Shape
Shape
Shape
Shape
Drum Ring
Drum Ring
Toroidal
Balun
Balun
Balun
Balun
Drum+Square Pot
Toroidal
Toroidal
Toroidal
Toroidal
Toroidal
Toroidal
Toroidal
Toroidal
Toroidal
Toroidal
Toroidal
UU
UU
Toroidal
Toroidal
Toroidal
Toroidal
Toroidal
Toroidal
Toroidal
Toroidal
UU
UU
UU
UU
UU
UU
UU
UU
Shape
Shape
Shape
Shape
Shape
Shape
Shape
Shape
Shape
Shape
Toroidal
Toroidal
Toroidal
Toroidal
For Signal
Common Mode
For Power
Horizontal
Horizontal
Horizontal
Horizontal
Horizontal
Horizontal
Horizontal
Horizontal
Vertical
Vertical
Vertical
Horizontal
Horizontal
Horizontal
Horizontal
Horizontal
Horizontal
Horizontal
Horizontal
Horizontal
Horizontal
Horizontal
Horizontal
Vertical
Vertical
Vertical
Vertical
Vertical
Horizontal
Vertical
Vertical
Vertical
Vertical
Vertical
Vertical
Vertical
Vertical
Vertical
Horizontal
Vertical
Horizontal
Vertical
Vertical
Vertical
Vertical
Horizontal
Horizontal
Horizontal
Horizontal
Vertical
Vertical
Vertical
Vertical
Horizontal
Horizontal
Vertical
Vertical
Vertical
Vertical
Radial taping
Dust Core
For Signal and
DC Line
Common Mode
For AC Line
High temperature
 Small size
High temperature
High temperature
High temperature
Small size
Small size
Small size
Small size
Low profile
Low profile
Small size
Available 3 lines
Available 3 lines
Available 4 lines
Available 6 lines
For MD, DSC Signal
Low profile
Small size
2 in 1
4 in 1
Large type for SFC68
Low profile
Low profile product of UU9TF
Radial taping
Dust Core
Dust Core
Dust Core
Dust Core
Dust Core
Dust Core
Low profile product of UU9LF
Low profile product of UU9LFB
Revised high frequency characteristics of UU10L
Revised high frequency characteristics of UU16L
Low profile product of LF2020
/
/ 測定条件、製品リスト
/ 定格電流
/ インピーダンス特性
温度上昇
∆T=40℃となる値。
/ 直流抵抗
外気温度 Ta=20℃となる値。
ノイズモード
型名
コア形状
コア方向
ベース
面実装
備考
ノーマルモード
コモンモード
/信号系
パワー系
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/ 縦置き
/横置き
/横置き
/横置き
/横置き
/横置き
/横置き
/横置き
/横置き
/横置き
/横置き
/横置き
/横置き
/横置き
/横置き
/横置き
/横置き
/横置き
/横置き
/横置き
/横置き
/横置き
/横置き
/横置き
/横置き
/横置き
/横置き
/横置き
/横置き
/横置き
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
/ ラジアルテーピング対応
/ ラジアルテーピング対応
/ ダストコア使用
/ ダストコア使用
/ ダストコア使用
/ ダストコア使用
/ ダストコア使用
/ ダストコア使用
/ ダストコア使用
/トロイダル
/トロイダル
/トロイダル
/トロイダル
/トロイダル
/トロイダル
/トロイダル
/トロイダル
/トロイダル
/ バルン
/ バルン
/ バルン
/ バルン
/トロイダル
/トロイダル
/トロイダル
/トロイダル
/トロイダル
/トロイダル
/トロイダル
/トロイダル
/トロイダル
/トロイダル
/トロイダル
/トロイダル
/トロイダル
/トロイダル
/トロイダル
/ 口の字
/ 口の字
/ 口の字
/ 口の字
/ 口の字
/ 口の字
/ 口の字
/ 口の字
/ドラムリング
/ドラムリング
/ 口の字
/ 口の字
/ 口の字
/ 日の字
/ 口の字
/ 口の字
/ 日の字
/ 口の字
/ 日の字
/ 日の字
信号ラインおよび
DCライン対応
コモンモード
ACライン対応
/ 3ライン可能
/ 3ライン可能
/ 4ライン可能
/ 6ライン可能
/ 2回路一体型
/ 4回路一体型
/ドラム+角POT
/ MD、DSCの信号系対応
/ SFC68のスケールアップ品
/ UU9TFの低背品
/ UU9LFの低背品
/ UU9LFBの低背品
/ UU10Lの高周波特性改善品
/ UU16Lの高周波特性改善品
/ LF2020の低背品



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com