Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC850DSL Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC850DSL
Description  PowerQUICC™ Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC850DSL Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC850DSL Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
12
Freescale Semiconductor
Bus Signal Timing
B9
CLKOUT to A[6–31] RD/WR,
BURST, D[0–31], DP[0–3],
TSIZ[0–1], REG, RSV, AT[0–3],
PTR high-Z
5.00
11.75
7.58
14.33
6.25
13.00
0.250
50.00
ns
B11
CLKOUT to TS, BB assertion
5.00
11.00
7.58
13.58
6.25
12.25
0.250
50.00
ns
B11a
CLKOUT to TA, BI assertion,
(When driven by the memory
controller or PCMCIA interface)
2.50
9.25
2.50
9.25
2.50
9.25
—
50.00
ns
B12
CLKOUT to TS, BB negation
5.00
11.75
7.58
14.33
6.25
13.00
0.250
50.00
ns
B12a
CLKOUT to TA, BI negation
(when driven by the memory
controller or PCMCIA interface)
2.50
11.00
2.50
11.00
2.50
11.00
—
50.00
ns
B13
CLKOUT to TS, BB high-Z
5.00
19.00
7.58
21.58
6.25
20.25
0.250
50.00
ns
B13a
CLKOUT to TA, BI high-Z,
(when driven by the memory
controller or PCMCIA interface)
2.50
15.00
2.50
15.00
2.50
15.00
—
50.00
ns
B14
CLKOUT to TEA assertion
2.50
10.00
2.50
10.00
2.50
10.00
—
50.00
ns
B15
CLKOUT to TEA high-Z
2.50
15.00
2.50
15.00
2.50
15.00
—
50.00
ns
B16
TA, BI valid to CLKOUT(setup
time) 5
9.75
—
9.75
—
9.75
—
—
50.00
ns
B16a
TEA, KR, RETRY, valid to
CLKOUT (setup time) 5
10.00
—
10.00
—
10.00
—
—
50.00
ns
B16b
BB, BG, BR valid to CLKOUT
(setup time) 6
8.50
—
8.50
—
8.50
—
—
50.00
ns
B17
CLKOUT to TA, TEA, BI, BB,
BG, BR valid (Hold time).5
1.00
—
1.00
—
1.00
—
—
50.00
ns
B17a
CLKOUT to KR, RETRY, except
TEA valid (hold time)
2.00
—
2.00
—
2.00
—
—
50.00
ns
B18
D[0–31], DP[0–3] valid to
CLKOUT rising edge (setup
time) 7
6.00
—
6.00
—
6.00
—
—
50.00
ns
B19
CLKOUT rising edge to
D[0–31], DP[0–3] valid (hold
time) 7
1.00
—
1.00
—
1.00
—
—
50.00
ns
B20
D[0–31], DP[0–3] valid to
CLKOUT falling edge (setup
time) 8
4.00
—
4.00
—
4.00
—
—
50.00
ns
B21
CLKOUT falling edge to
D[0–31], DP[0–3] valid (hold
time) 8
2.00
—
2.00
—
2.00
—
—
—
—
Table 6. Bus Operation Timing 1 (continued)
Num
Characteristic
50 MHz
66 MHz
80 MHz
FFACT
Cap Load
(default
50 pF)
Unit
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com