Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2CF-08 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # P2CF-08
Description  Solid-State Digital Timer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-08 Datasheet(HTML) 3 Page - Omron Electronics LLC

  P2CF-08 Datasheet HTML 1Page - Omron Electronics LLC P2CF-08 Datasheet HTML 2Page - Omron Electronics LLC P2CF-08 Datasheet HTML 3Page - Omron Electronics LLC P2CF-08 Datasheet HTML 4Page - Omron Electronics LLC P2CF-08 Datasheet HTML 5Page - Omron Electronics LLC P2CF-08 Datasheet HTML 6Page - Omron Electronics LLC P2CF-08 Datasheet HTML 7Page - Omron Electronics LLC P2CF-08 Datasheet HTML 8Page - Omron Electronics LLC P2CF-08 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
H3CA
H3CA
3
Part number
H3CA-A
H3CA-FA
H3CA-8H
H3CA-8
Weight
110 g (3.9 oz)
190 g (6.7 oz)
110 g (3.9 oz)
Approvals
UL/CSA/SEV
Operating ambient temperature
-10
° to 55°C (14° to 131°F)
Humidity
35 to 85% RH
Vibration Mechanical durability
10 to 55 Hz; 0.75 mm (0.03 in) double amplitude
Malfunction durability
10 to 55 Hz; 0.5 mm (0.02 in) double amplitude
Shock
Mechanical durability
20 G
Malfunction durability
10 G
Variation due to voltage change
See "Repeat Accuracy"
Variation due to temperature change
See "Repeat Accuracy"
Insulation resistance
100 M
Ω min. at 500 VDC
Dielectric strength
2,000 VAC, 50/60 Hz for 1 minute between current-carrying and non-current-carrying parts
and between contact and control circuit
1,000 VAC, 50/60 Hz for 1 minute between non-continuous contacts
Service life
Mechanical
10 million operations minimum (under no load, at 1,800 operations/hour)
Electrical
100,000 operations minimum at maximum ratings
SPECIFICATIONS, continued
s ELECTRICAL SERVICE LIFE
10,000
5,000
7,000
3,000
1,000
700
500
300
100
70
50
250 VAC p.f. = 0.4
250 VAC p.f.= 1
24 VDC p.f.= 1
24 VDC L/R = 7 ms
0
1
2
3
Load current
Engineering Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com