Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74ALS151N Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74ALS151N
Description  1 of 8 Line Data Selector/Multiplexer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74ALS151N Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM74ALS151N Datasheet HTML 1Page - National Semiconductor (TI) DM74ALS151N Datasheet HTML 2Page - National Semiconductor (TI) DM74ALS151N Datasheet HTML 3Page - National Semiconductor (TI) DM74ALS151N Datasheet HTML 4Page - National Semiconductor (TI) DM74ALS151N Datasheet HTML 5Page - National Semiconductor (TI) DM74ALS151N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics over recommended operating free air temperature range (Note 1)
Symbol
Parameter
Conditions
From
To
DM74ALS151
Units
Min
Max
tPLH
Propagation Delay Time
VCC e 45V to 55V
Select
Y
4
18
ns
Low to High Level Output
CL e 50 pF
tPHL
Propagation Delay Time
RL e 500X
Select
Y
8
24
ns
High to Low Level Output
tPLH
Propagation Delay Time
Select
W
7
24
ns
Low to High Level Output
tPHL
Propagation Delay Time
Select
W
7
23
ns
High to Low Level Output
tPLH
Propagation Delay Time
Data
Y
3
10
ns
Low to High Level Output
tPHL
Propagation Delay Time
Data
Y
5
15
ns
High to Low Level Output
tPLH
Propagation Delay Time
Data
W
3
15
ns
Low to High Level Output
tPHL
Propagation Delay Time
Data
W
4
15
ns
High to Low Level Output
tPLH
Propagation Delay Time
Strobe
Y
4
18
ns
Low to High Level Output
tPHL
Propagation Delay Time
Strobe
Y
4
19
ns
High to Low Level Output
tPLH
Propagation Delay Time
Strobe
W
5
19
ns
Low to High Level Output
tPHL
Propagation Delay Time
Strobe
W
5
23
ns
High to Low Level Output
Note 1
See Section 5 for test waveforms and output load
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com