| Electronic Components Datasheet Search |
|
DM74ALS151N Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM74ALS151N Datasheet(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF6203 August 1995 DM74ALS151 1 of 8 Line Data SelectorMultiplexer General Description This Data SelectorMultiplexer contains full on-chip decod- ing to select one-of-eight data sources as a result of a unique three-bit binary code at the Select inputs Two com- plementary outputs provide both inverting and non-inverting buffer operation A Strobe input is provided which when at the high level disables all data inputs and forces the Y out- put to the low state and the W output to the high state The Select input buffers incorporate internal overlap features to ensure that select input changes do not cause invalid output transients Features Y Advanced oxide-isolated ion-implanted Schottky TTL process Y Switching performance is guaranteed over full tempera- ture and VCC supply range Y Pin and functional compatible with LS family counter- part Y Improved output transient handling capability Connection Diagram Dual-In-Line Package TLF6203 – 1 Order Number DM74ALS151M or DM74ALS151N See NS Package Number M16A or N16A Function Table Inputs Outputs Select Strobe YW CB A S XX X H L H L L L L D0 D0 L L H L D1 D1 L H L L D2 D2 L H H L D3 D3 H L L L D4 D4 H L H L D5 D5 H H L L D6 D6 H H H L D7 D7 H e High Level L e Low Level X e Don’t Care D0 thru D7 e the level of the respective D input C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Similar Part No. - DM74ALS151N |
|
Similar Description - DM74ALS151N |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |