Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7391EBZ Datasheet(PDF) 90 Page - Analog Devices

Part # ADV7391EBZ
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7391EBZ Datasheet(HTML) 90 Page - Analog Devices

Back Button ADV7391EBZ Datasheet HTML 86Page - Analog Devices ADV7391EBZ Datasheet HTML 87Page - Analog Devices ADV7391EBZ Datasheet HTML 88Page - Analog Devices ADV7391EBZ Datasheet HTML 89Page - Analog Devices ADV7391EBZ Datasheet HTML 90Page - Analog Devices ADV7391EBZ Datasheet HTML 91Page - Analog Devices ADV7391EBZ Datasheet HTML 92Page - Analog Devices ADV7391EBZ Datasheet HTML 93Page - Analog Devices ADV7391EBZ Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 90 of 96
ENHANCED DEFINITION
Table 89. ED Configuration Scripts
Input Format
Input Data Width
Synchronization Format
Input Color Space
Output Color Space
Table Number
525p
8-Bit DDR
EAV/SAV
YCrCb
YPrPb
Table 98
525p
8-Bit DDR
EAV/SAV
YCrCb
RGB
Table 100
525p
10-Bit DDR
EAV/SAV
YCrCb
YPrPb
Table 99
525p
10-Bit DDR
EAV/SAV
YCrCb
RGB
Table 101
525p
16-Bit SDR
EAV/SAV
YCrCb
YPrPb
Table 90
525p
16-Bit SDR
HSYNC/VSYNC
YCrCb
YPrPb
Table 91
525p
16-Bit SDR
EAV/SAV
YCrCb
RGB
Table 92
525p
16-Bit SDR
HSYNC/VSYNC
YCrCb
RGB
Table 93
625p
8-Bit DDR
EAV/SAV
YCrCb
YPrPb
Table 102
625p
8-Bit DDR
EAV/SAV
YCrCb
RGB
Table 104
625p
10-Bit DDR
EAV/SAV
YCrCb
YPrPb
Table 103
625p
10-Bit DDR
EAV/SAV
YCrCb
RGB
Table 105
625p
16-Bit SDR
EAV/SAV
YCrCb
YPrPb
Table 94
625p
16-Bit SDR
HSYNC/VSYNC
YCrCb
YPrPb
Table 95
625p
16-Bit SDR
EAV/SAV
YCrCb
RGB
Table 96
625p
16-Bit SDR
HSYNC/VSYNC
YCrCb
RGB
Table 97
Table 90. 16-Bit 525p YCrCb In (EAV/SAV), YPrPb Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0x1C
All DACs enabled. PLL enabled (8×).
0x01
0x10
ED-SDR input mode.
0x30
0x04
525p @ 59.94 Hz. EAV/SAV synchroni-
zation. EIA-770.2 output levels.
0x31
0x01
Pixel data valid.
Table 91. 16-Bit 525p YCrCb In, YPrPb Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0x1C
All DACs enabled. PLL enabled (8×).
0x01
0x10
ED-SDR input mode.
0x30
0x00
525p @ 59.94 Hz. HSYNC/VSYNC synch-
ronization. EIA-770.2 output levels.
0x31
0x01
Pixel data valid.
Table 92. 16-Bit 525p YCrCb In (EAV/SAV), RGB Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0x1C
All DACs enabled. PLL enabled (8×).
0x01
0x10
ED-SDR input mode.
0x02
0x10
RGB output enabled. RGB output sync
enabled.
0x30
0x04
525p @ 59.94 Hz. EAV/SAV synchroni-
zation. EIA-770.2 output levels.
0x31
0x01
Pixel data valid.
Table 93. 16-Bit 525p YCrCb In, RGB Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0x1C
All DACs enabled. PLL enabled (8×).
0x01
0x10
ED-SDR input mode.
0x02
0x10
RGB output enabled. RGB output sync
enabled.
0x30
0x00
525p @ 59.94 Hz. HSYNC/VSYNC synch-
ronization. EIA-770.2 output levels.
0x31
0x01
Pixel data valid.
Table 94. 16-Bit 625p YCrCb In (EAV/SAV), YPrPb Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0x1C
All DACs enabled. PLL enabled (8×).
0x01
0x10
ED-SDR input mode.
0x30
0x1C
625p @ 50 Hz. EAV/SAV synchroni-
zation. EIA-770.2 output levels.
0x31
0x01
Pixel data valid.
Table 95. 16-Bit 625p YCrCb In, YPrPb Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0x1C
All DACs enabled. PLL enabled (8×).
0x01
0x10
ED-SDR input mode.
0x30
0x18
625p @ 50 Hz. HSYNC/VSYNC synch-
ronization. EIA-770.2 output levels.
0x31
0x01
Pixel data valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com