Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7391EBZ Datasheet(PDF) 30 Page - Analog Devices

Part # ADV7391EBZ
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7391EBZ Datasheet(HTML) 30 Page - Analog Devices

Back Button ADV7391EBZ Datasheet HTML 26Page - Analog Devices ADV7391EBZ Datasheet HTML 27Page - Analog Devices ADV7391EBZ Datasheet HTML 28Page - Analog Devices ADV7391EBZ Datasheet HTML 29Page - Analog Devices ADV7391EBZ Datasheet HTML 30Page - Analog Devices ADV7391EBZ Datasheet HTML 31Page - Analog Devices ADV7391EBZ Datasheet HTML 32Page - Analog Devices ADV7391EBZ Datasheet HTML 33Page - Analog Devices ADV7391EBZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 30 of 96
Table 18. Register 0x34 to Register 0x38
SR7 to
Bit Number
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0
Internal ED/HD timing counters enabled
0x48
ED/HD Timing Reset.
1
Resets the internal ED/HD timing counters
0
ED/HD HSYNC Control.1
1
HSYNC output control (refer to
Table 50)
0
ED/HD VSYNC Control.1
1
VSYNC output control (refer to
Table 51)
Reserved.
1
0
ED Macrovision disabled
ED Macrovision Enable.2
1
ED Macrovision enabled
Reserved.
0
0 must be written to this bit
0
0 = Field input
ED/HD VSYNC Input/Field
Input.
1
1 = VSYNC input
0
Update field/line counter
0x34
ED/HD Mode
Register 5
ED/HD Horizontal/Vertical
Counter Mode.3
1
Field/line counter free running
Reserved.
0
0x00
Reserved.
0
0
Disabled
ED/HD Sync on PrPb.
1
Enabled
0
DAC 2 = Pb, DAC 3 = Pr
ED/HD Color DAC Swap.
1
DAC 2 = Pr, DAC 3 = Pb
0
Gamma Correction Curve A
ED/HD Gamma Correction
Curve Select.
1
Gamma Correction Curve B
0
Disabled
ED/HD Gamma
Correction Enable.
1
Enabled
0
Mode A
ED/HD Adaptive
Filter Mode.
1
Mode B
0
Disabled
0x35
ED/HD Mode
Register 6
ED/HD Adaptive
Filter Enable.
1
Enabled
0x36
ED/HD Y Level4
ED/HD Test Pattern Y Level.
x
x
x
x
x
x
x
x
Y level value
0xA0
0x37
ED/HD Cr Level4
ED/HD Test Pattern Cr Level.
x
x
x
x
x
x
x
x
Cr level value
0x80
0x38
ED/HD Cb Level4
ED/HD Test Pattern Cb Level.
x
x
x
x
x
x
x
x
Cb level value
0x80
1 Used in conjunction with ED/HD sync output enable in Subaddress 0x02, Bit 7 = 1.
2 Applies to the ADV7390 and ADV7392 only.
3 When set to 0, the horizontal/vertical counters automatically wrap around at the end of the line/field/frame of the selected standard. When set to 1, the
horizontal/vertical counters are free running and wrap around when external sync signals indicate to do so.
4 For use with ED/HD internal test patterns only (Subaddress 0x31, Bit 2 = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com