Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S72MS-P Datasheet(PDF) 8 Page - SPANSION

Part # S72MS-P
Description  based MCP/PoP Products
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S72MS-P Datasheet(HTML) 8 Page - SPANSION

Back Button S72MS-P Datasheet HTML 2Page - SPANSION S72MS-P Datasheet HTML 3Page - SPANSION S72MS-P Datasheet HTML 4Page - SPANSION S72MS-P Datasheet HTML 5Page - SPANSION S72MS-P Datasheet HTML 6Page - SPANSION S72MS-P Datasheet HTML 7Page - SPANSION S72MS-P Datasheet HTML 8Page - SPANSION S72MS-P Datasheet HTML 9Page - SPANSION S72MS-P Datasheet HTML 10Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
6
S72MS-P based MCP/PoP Products
S72MS-P_00_01 September 14, 2006
Data
Sheet
(Adv an ce
Inf o r m a t io n)
4.1
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult your local
sales office to confirm availability of specific valid combinations and to check on newly released
combinations.
Notes:
1. Packing Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading S and packing type designator from ordering part number.
K
A
11x11 mm
112
0.45 mm
B
11x11 mm
112
0.50 mm
D
12x12 mm
128
0.45 mm
F
12x12 mm
128
0.50 mm
G
14x14 mm
152
0.45 mm
H
14x14 mm
152
0.50 mm
J
15x15 mm
160
0.45 mm
K
15x15 mm
160
0.50 mm
L
17x17 mm
192
0.45 mm
M
17x17 mm
192
0.50 mm
Table 4.1 Character Position Descriptions (Sheet 2 of 2)
Character 12
Character 13
Character 14 Description
Package Area
Package Ball Count
Raw Ball Size
S72MS-P Valid Combinations
ORNAND
Flash Bus
Width
DRAM
Supplier
DRAM
Speed
Package
Type
Package
Markings
Base Ordering
Number
Package &
Material Set
Package
Descriptor
Packing
Type
S72MS512PE0
HF
9
0, 2, 3
(Note 1)
x8 (ECC)
Type 5
104 MHz
11x13 mm
(MCP)
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com