Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPT06P14-5PX. Datasheet(PDF) 16 Page - ITT Industries

Part # KPT06P14-5PX.
Description  General purpose solder contact connectors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KPT06P14-5PX. Datasheet(HTML) 16 Page - ITT Industries

Back Button KPT06P14-5PX. Datasheet HTML 12Page - ITT Industries KPT06P14-5PX. Datasheet HTML 13Page - ITT Industries KPT06P14-5PX. Datasheet HTML 14Page - ITT Industries KPT06P14-5PX. Datasheet HTML 15Page - ITT Industries KPT06P14-5PX. Datasheet HTML 16Page - ITT Industries KPT06P14-5PX. Datasheet HTML 17Page - ITT Industries KPT06P14-5PX. Datasheet HTML 18Page - ITT Industries KPT06P14-5PX. Datasheet HTML 19Page - ITT Industries KPT06P14-5PX. Datasheet HTML 20Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
KPT/KPSE
Miniature circular connectors
16
Subject to changes
Without termination assemblies
KPT/KPSE
KPT
Shell
G
J L
Q Thread
Z
size*
max.
±0,15
max.
Thread Type 2A
max.
x
8
19,8
9,1
21,4
7/16-28UNEF
16,3
10
23,6
9,1
21,4
9/16-24UNEF
16,3
12
26,5
9,1
21,4
11/16-24UNEF
16,3
14
30,1
9,1
21,4
13/16-20UNEF
16,3
16
33,2
9,1
21,4
15/16-20UNEF
16,3
18
35,4
9,1
21,4
1- 1/16-18UNEF
16,3
20
39,0
10,7
25,1
1- 3/16-18UNEF
15,0
22
42,1
10,7
25,1
1- 5/16-18UNEF
15,0
24
45,2
10,7
25,1
1- 7/16-18UNEF
15,0
With termination assemblies
Type A
Typ B and F
Shell
B
A
D
A
L
A
VB
BF
CD
BF
G
BF
H
BF
L
BF
size*
max.
min.
max.
Thread Type 2A
max.
Thread
min.
min.
max.
max.
x
8
15,0
8,5
42,0
1/2-28UNEF
14,0
6-32
6,0
2,9
19,3
46,0
10
18,2
11,8
42,0
5/8-24UNEF
17,2
6-32
7,5
4,5
20,8
46,0
12
21,2
15,0
42,0
3/4-20UNEF
20,4
6-32
10,7
7,7
24,4
46,0
14
24,6
17,9
42,0
7/8-20UNEF
23,6
6-32
13,9
9,3
27,2
46,0
16
27,7
21,1
42,0
1 -20UNEF
26,7
6-32
15,5
12,4
28,7
49,0
18
30,9
24,1
42,0
1-3/16-18UNEF
29,5
8-32
19,6
15,6
35,3
49,0
20
33,9
26,5
45,0
1-3/16-18UNEF
32,7
8-32
19,6
15,6
35,3
49,0
22
37,1
30,4
45,0
1-7/16-18UNEF
35,9
8-32
23,6
18,8
39,9
49,0
24
40,3
32,8
45,0
1-7/16-18UNEF
39,0
8-32
25,2
20,1
43,2
49,0
Type A
Type B or F
Type E
Type P
Mod. DN or F 185
Type E
Type P
Mod. DN or F 185
Shell
B
E
L
E
B
P
D
P
L
P
D2
L1
L2
size*
max.
max.
max.
min.
max.
-0,5
max.
±0,5
x
8
14,2
32,5
15,3
8,3
36,9
15,6
35,0
12,2
10
17,2
32,5
17,6
11,3
36,9
18,4
35,0
12,2
12
20,4
32,5
21,6
14,2
36,9
23,7
35,0
12,2
14
23,4
32,5
24,3
17,3
36,9
24,5
35,0
12,2
16
26,6
32,5
27,6
20,5
36,9
29,8
37,0
14,5
18
29,6
32,5
31,0
23,1
36,9
32,0
37,0
14,5
20
32,8
34,5
34,3
26,3
42,2
36,1
42,0
15,8
22
36,0
34,5
37,1
29,4
42,2
38,5
42,0
15,8
24
39,2
34,5
40,5
32,6
43,9
41,6
42,0
14,9
* See page 5, 7 and 8 for ordering number information
x
in series KPSE only contact arrangements 8-3A and 8-33 available
Straight plugs
KPT06/MS3116 KPSE06/MS3126
Solder
KPT06/MS3116
Crimp
KPSE06/MS3126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com