Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPT06P14-5PX. Datasheet(PDF) 25 Page - ITT Industries

Part # KPT06P14-5PX.
Description  General purpose solder contact connectors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KPT06P14-5PX. Datasheet(HTML) 25 Page - ITT Industries

Back Button KPT06P14-5PX. Datasheet HTML 21Page - ITT Industries KPT06P14-5PX. Datasheet HTML 22Page - ITT Industries KPT06P14-5PX. Datasheet HTML 23Page - ITT Industries KPT06P14-5PX. Datasheet HTML 24Page - ITT Industries KPT06P14-5PX. Datasheet HTML 25Page - ITT Industries KPT06P14-5PX. Datasheet HTML 26Page - ITT Industries KPT06P14-5PX. Datasheet HTML 27Page - ITT Industries KPT06P14-5PX. Datasheet HTML 28Page - ITT Industries KPT06P14-5PX. Datasheet HTML 29Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
25
KPT/KPSE
Miniature circular connectors
Shell size
A
K
M
R
S
Ø T
+0,03 -0,13
±0,4
±0,15
±0,15
max.
±0,15
* 8 A
12,00
1,6
12,1
15,1
21,0
3,05
* 10 A
15,00
1,6
12,1
18,3
24,2
3,05
* 12 A
19,05
1,6
12,1
20,6
26,6
3,05
* 14 A
22,23
1,6
12,1
23,0
29,0
3,05
* 16 A
25,40
1,6
12,1
24,6
31,3
3,05
* 18 A
28,58
1,6
12,1
27,0
33,7
3,05
* 20 A
31,75
2,4
14,5
29,4
36,9
3,05
* 22 A
34,93
2,4
14,5
31,8
40,1
3,05
* 24 A
38,10
2,4
15,4
34,9
43,3
3,75
* Add KPT 15 or MS 3115 prefixes
Dummy receptacles
Series
Dummy receptacle
Shell size
Flange
A-Standard
KPT
15 -
8
A
MS
3115 -
10
A
How to order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com