Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFPT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TFPT
Description  Linear PTC Thermistors, Surface Mount Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFPT Datasheet(HTML) 1 Page - Vishay Siliconix

  TFPT Datasheet HTML 1Page - Vishay Siliconix TFPT Datasheet HTML 2Page - Vishay Siliconix TFPT Datasheet HTML 3Page - Vishay Siliconix TFPT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Linear PTC Thermistors, Surface Mount Chip
TFPT
Vishay
www.vishay.com
For technical questions, contact: thermistor1@vishay.com
document number: 33017
6
Revision: 25-Oct-06
FEATURES
• Solderable wraparound terminations
• Alumina substrate base with PTC thin film element
• 0603, 0805 and 1206 sizes available
• Available in tape and reel packaging
• Standard tolerances: ± 0.5 %, ± 1 %, ± 5 %
• Contact factory for non-standard tolerance
• Operation range - 55 °C to + 125 °C
Notes
1. Contact Vishay if closer TCR lot tolerance is desired
2. Other R25 values and tolerances are available upon request
Note
1. Rated Continuous Working Voltage is maximum working voltage or square root of the power rating times resistance value, whichever is less.
STANDARD ELECTRICAL SPECIFICATIONS
TCR AT ROOM TEMPERATURE
(25 °C) SEE TYPICAL CURVE
FOR TCR AT OTHER TEMPS.
TCR1)
TOLERANCE
ppm/K
R25 Ω VALUE RANGE (0.5 %, 1 %, 5 % TOLERANCE)2)
0603
0805
1206
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
4110 ppm/K
± 400
100 - 1K
100 - 5K
100 - 10K
STANDARD RESISTANCE VALUES
100
270
680
1.8K
4.7K
120
330
820
2.2K
5.6K
150
390
1K
2.7K
6.8K
180
470
1.2K
3.3K
8.2K
220
560
1.5K
3.9K
10.0K
STANDARD TECHNICAL SPECIFICATIONS
PART NUMBER
POWER RATING
MAXIMUM WORKING VOLTAGE RCWV1)
TFPT 0603
75 mW
30 VDC
TFPT 0805
100 mW
40 VDC
TFPT 1206
125 mW
50 VDC
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: TFPT1206L1002FZ (preferred part numbering format)
T
F
P
T
1
2
6
L
1
0
0
2
F
Z
Historical Part Number: TFPT1206L1002FZ (will continue to be accepted)
Z
F
2
0
0
1
L
6
0
2
1
T
P
F
T
HISTORICAL MODEL
CHARACTERISTIC
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
GLOBAL MODEL
CHARACTERISTIC
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
TFPT0603
TFPT0805
TFPT1206
L = Linear
1002 = 10K
D = ± 0.5 %
F = ± 1 %
J = ± 5 %
F = Lead (Pb)-free, Bulk
M = Lead (Pb)-free, T/R (Full)
P = Tin/Lead, Bulk
Z = Tin/Lead, T/R (Full)


Similar Part No. - TFPT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFPT VISHAY-TFPT Datasheet
103Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
30-Aug-16
TFPT VISHAY-TFPT Datasheet
118Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
14-Jan-2020
TFPT0402 VISHAY-TFPT0402 Datasheet
103Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
30-Aug-16
TFPT0402 VISHAY-TFPT0402 Datasheet
118Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
14-Jan-2020
TFPT0402L0050DL VISHAY-TFPT0402L0050DL Datasheet
118Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
14-Jan-2020
More results

Similar Description - TFPT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
232266197 VISHAY-232266197 Datasheet
109Kb / 4P
Surface Mount PTC Thermistors For Overload Protection
10-Oct-03
NTHS VISHAY-NTHS Datasheet
98Kb / 3P
NTC Thermistors, Surface Mount Chip
06-Oct-06
PTFT VISHAY-PTFT Datasheet
85Kb / 3P
Linear PTC Thermistors, Surface Mount Chip
04-Apr-05
TFPT1206L1002JV VISHAY-TFPT1206L1002JV Datasheet
88Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
22-Mar-11
TFPT0805L5001FY VISHAY-TFPT0805L5001FY Datasheet
88Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
22-Mar-11
logo
Murata Manufacturing Co...
PTFL04BG222Q2N34B0 MURATA-PTFL04BG222Q2N34B0 Datasheet
210Kb / 3P
PTC Thermistors
PTFL04BG471Q2N34B0 MURATA-PTFL04BG471Q2N34B0 Datasheet
210Kb / 3P
PTC Thermistors
PTFL04BH471Q2N34B0 MURATA-PTFL04BH471Q2N34B0 Datasheet
209Kb / 3P
PTC Thermistors
logo
Vishay Siliconix
TFPT VISHAY-TFPT_17 Datasheet
103Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
30-Aug-16
TFPT VISHAY-TFPT_V01 Datasheet
118Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
14-Jan-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com