Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFPT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TFPT
Description  Linear PTC Thermistors, Surface Mount Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFPT Datasheet(HTML) 2 Page - Vishay Siliconix

  TFPT Datasheet HTML 1Page - Vishay Siliconix TFPT Datasheet HTML 2Page - Vishay Siliconix TFPT Datasheet HTML 3Page - Vishay Siliconix TFPT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TFPT
Linear PTC Thermistors, Surface Mount Chip
Vishay
document number: 33017
For technical questions, contact: thermistor1@vishay.com
www.vishay.com
Revision: 25-Oct-06
7
DIMENSIONS in millimeters
CONSTRUCTION
TYPICAL CURVE
Notes
1. Environmental performance specifications use test procedures as outlined in MIL-R-23648D and MIL-STD-202
2. TFPTs are ESD sensitive
A
B
D
C
E
PART NUMBER
A
B
C
D
E
TFPT 0603
1.60 ± 0.10
0.85 ± 0.10
0.45 ± 0.10
0.30 ± 0.20
0.30 ± 0.20
TFPT 0805
2.00 ± 0.15
1.25 ± 0.15
0.45 ± 0.10
0.40 ± 0.20
0.40 ± 0.20
TFPT 1206
3.20 ± 0.15
1.60 ± 0.15
0.55 ± 0.10
0.50 ± 0.25
0.50 ± 0.25
Thermistor
Alumina Substrate
Inner Electrode
Nickel Barrier
Solderable Coating
Overcoating
TEMPERATURE IN °C
5000
4900
4800
4700
4600
4500
4400
4300
4200
4100
4000
3900
3800
3700
3600
3500
3400
3300
3200
3100
3000
- 55
- 25
0
25
50
75
100
125
PERFORMANCE1)
TEST
MAXIMUM %
ΔR2)
High Temperature Exposure (100 hours at 125 °C)
0.25 %
Effects of Bonding (10 seconds solder dip at 260 °C)
0.25 %
Thermal Shock (30 minutes at 65 °C, 30 minutes at 125 °C, 5 cycles)
0.25 %
Low Temperature Operation (Maximum rated power for 2 hours at - 65 °C)
0.25 %
Short Time Overload (2.5 x RCWV for 5 seconds)
0.25 %
Load Life (1000 hours 70 °C, maximum rated power 1.5 hours “ON”, 0.5 hours “OFF”
0.25 %
Solderability (95 % coverage P/F)
P
Leaching (Physical damage P/F)
P



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com