Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G7L-2ABUBJ Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G7L-2ABUBJ
Description  A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7L-2ABUBJ Datasheet(HTML) 3 Page - Omron Electronics LLC

  G7L-2ABUBJ Datasheet HTML 1Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 2Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 3Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 4Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 5Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 6Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 7Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 8Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
G7L
Power Relay
G
7
L
■Engineering Data
G7L-1A-T (TJ) (TUB) (TUBJ)
G7L-1A-B (BJ) (BUB) (BUBJ)
Maximum Switching Power
G7L-2A-T (TJ) (TUB) (TUBJ)
G7L-2A-B (BJ) (BUB) (BUBJ)
Maximum Switching Power
G7L-1A-P
G7L-2A-P
Maximum Switching Power
Ambient Temperature vs. Operate
and Release Voltage
G7L-1A VAC (60 Hz)
Endurance
Endurance
Endurance
G7L-1A VDC
■Characteristics
Note. The values given above are initial values.
*1.
Measurement conditions: 5 VDC, 1 A, voltage drop
method.
*2.
Measurement conditions: Rated operating voltage applied,
not including contact bounce.
Ambient temperature: 23°C
*3.
Measurement conditions: The insulation resistance was
measured with a 500-VDC megohmmeter at the same
locations as the dielectric strength was measured.
*4.
JEC-212 (1981) Standard Impulse Wave Type (1.2×50
μs).
*5.
Ambient temperature: 23°C
*6.
This value was measured at a switching frequency of 60
operations/min.
Contact resistance *1
50 m
Ω max.
Operate time *2
30 ms max.
Release time *3
30 ms max.
Max.
operating
frequency
Mechanical
1,800 operations/hr
Rated load
1,800 operations/hr
Insulation resistance *3
1,000 M
Ω min
Dielectric
strength
Between coil and
contacts
4,000 VAC min., 50/60 Hz
for 1 min
Between contacts
of same polarity
2,000 VAC, 50/60 Hz for
1min
Between contacts
of different polarity
(DPST-NO model)
Impulse withstand voltage
10,000 V between coil and
contact *4
Vibration
resistance
Destruction
10 to 55 to 10 Hz, 0.75 mm
single amplitude
(1.5 mm double amplitude)
Malfunction
10 to 55 to 10 Hz, 0.75 mm
single amplitude
(1.5 mm double amplitude)
Shock
resistance
Destruction
1,000 m/s2
Malfunction
100 m/s2
Endurance
Mechanical
1,000,000 operations min.
(at 1,800 operations/hr)
Electrical *5
100,000 operations min.
(at 1,800 operations/hr
under rated load)
Failure rate (P level)
(reference value *6)
100 mA at 5 VDC
Weight
Approx. 90 g:
Quick-connect terminal
models
Approx. 100 g:
PCB terminal models
Approx. 120 g:
Screw terminal models
Ambient operating temperature
-25°C to 60°C
(with no icing or
condensation)
Ambient operating humidity
5% to 85%
■Ratings
Coil
Note 1. The rated current and coil resistance are measured at a coil temperature of 23°C with tolerances of
+15%/-20% for AC rated current and ±15% for DC coil resistance.
2. The inductances shown above are reference values.
3. Performance characteristic data are measured at a coil temperature of 23°C.
4. The maximum allowable coil voltage refers to the maximum value in a varying range of operating power
voltage, measured at ambient temperature 23°C.
5. The "to" (for example "100 to 120") represents the range of rated voltages.
Contacts
Note. When using B-series (screw) products, since the screw diameter of the contact terminal is M4, be careful
that the contact current should be 20 A or less according to JET standard (electrical appliance and material
control law of Japan).
Item
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil inductance (H)
Must operate
voltage
Must release
voltage
Max.
permissible
voltage
Power
consumption
(VA-W)
Rated voltage
Armature
ON
Armature
OFF
On the basis of rated voltage
12 VAC
142
75% max.
15% min.
110%
Approx. 1.7
to 2.5
24 VAC
71
50 VAC
34
100 to 120 VAC 17.0 to 20.4
75 V max.
18 V min.
132 V
200 to 240 VAC
8.5 to 10.2
150 V max.
36 V min.
264 V
6 VDC
317
18.9
0.09
0.21
75% max.
15% min.
110%
Approx. 1.9
12 VDC
158
75
0.37
0.88
24 VDC
79
303
1.42
3.54
48 VDC
40
1220
6.1
15.3
100 VDC
19
5260
21.3
60.0
Contact Form
load
Item
G7L-1A-T
@
G7L-1A-B
@
G7L-2A-T
@
G7L-2A-B
@
G7L-1A-P
G7L-2A-P
Resistive
load
Inductive load
(cos
φ = 0.4)
Resistive
load
Inductive
load
(cos
φ = 0.4)
Resistive
load
Inductive
load
(cos
φ = 0.4)
Contact type
Double break
Contact material
Ag alloy
Rated load
30 A at 220 VAC 25 A at 220 VAC
25 A at 220 VAC
20 A at 220 VAC
Rated carry current
30 A
25 A
20 A
Max. switching
voltage
250 VAC
Max. switching
current
30 A
25 A
20 A
10
30
50 70 100
300
500 1,000
Switching voltage (V)
100
30
10
20
50
1
3
5
7
AC inductive load
(cos
φ = 0.4)
AC resistive load
10
30
50 70 100
300
500 1,000
Ambient temperature (°C)
100
30
10
20
50
1
3
5
7
AC resistive load
AC inductive load
(cos
φ = 0.4)
10
30
50 70 100
300
500
Switching voltage (V)
50
20
10
30
1
3
5
7
AC resistive load
AC inductive load
(cos
φ = 0.4)
-40
-20
0
20
40
60
80
Ambient temperature (°C)
100
80
60
40
20
0
Operate voltage
Release voltage
0
5
10
15
20
25
30
Switching current (A)
500
300
100
70
50
30
10
5
7
220 VAC resistive load
220 VAC
inductive load
(cos
φ = 0.4)
0
5
10
15
20
25
30
Switching current (A)
500
300
100
70
50
30
10
5
7
220 VAC resistive load
220 VAC
inductive load
(cos
φ = 0.4)
0
5
10
15
20
25
30
Switching current (A)
500
300
100
70
50
30
10
5
7
220 VAC resistive load
220 VAC
inductive load
(cos
φ = 0.4)
-40
-20
0
20
40
60
80
Ambient temperature (°C)
100
80
60
40
20
0
Operate voltage
Release voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com