Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G7L-2ABUBJ Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G7L-2ABUBJ
Description  A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7L-2ABUBJ Datasheet(HTML) 5 Page - Omron Electronics LLC

  G7L-2ABUBJ Datasheet HTML 1Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 2Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 3Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 4Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 5Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 6Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 7Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 8Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
G7L
Power Relay
G
7
L
■Dimensions
● E-bracket Mounting
Quick-connect Terminals
G7L-2A 100 to 200 VAC
Operate and Release voltages
N = 5
Contact resistance
Operate and Release voltages
N = 5
Contact resistance
Load conditions
Load conditions
•1
φ 220 VAC
• 1
φ 220 VAC
0.7
0.5
1
3
5
10
30
50
Switching operations (×102 operations)
70
60
50
40
30
20
10
0
Operate voltage
Release voltage
N = 5
0.7
0.5
1
3
5
10
30
50
50
40
30
20
10
0
N = 5
Switching operations (×102 operations)
0.7
0.5
1
3
5
10
30
50
70
60
50
40
30
20
10
0
Operate voltage
Release voltage
N = 5
Switching operations (×102 operations)
0.7
0.5
1
3
5
10
30
50
50
40
30
20
10
0
N = 5
Switching operations (×102 operations)
25 A cos
φ = 1
2s
8s
• Applied coil voltage: 75% of rated
voltage
70 A cos
φ = 0.4
20 A cos
φ = 0.4
0.2s
2s
8s
• Applied coil voltage: 75% of rated
voltage
Note. E-brackets are sold separately.
Two, 4.5-dia. hole or
M4 tapped holes
11
52.5 max.
33.5 max.
53 max.
01
46
0.8
50.5 max.
6.35
11
52.5 max.
33.5 max.
53 max.
01
46
40
±0.1
0.8
2
50.5 max.
6.35
11
52.5 max.
33.5 max.
53 max.
01
4
26
8
0.8
2
50.5 max.
6.35
11
52.5 max.
33.5 max.
53 max.
01
4
26
8
0.8
50.5 max.
6.35
Test
button
Test
button
G7L-1A-T
Terminal Arrangement/
Internal Connections
(Top View)
Mounting Holes
(No coil polarity)
Note. Refer to page 12 for the coil internal
connection diagram
G7L-2A-T
(No coil polarity)
Note. Refer to page 12 for the coil internal
connection diagram
G7L-2A-T
G7L-1A-TJ
(with Test Button)
(No coil polarity)
Note. Refer to page 12 for the coil internal
connection diagram
G7L-2A-TJ
(with Test Button)
(No coil polarity)
Note. Refer to page 12 for the coil internal
connection diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com