Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1071 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1071
Description  INDUSTRIAL SOLID STATE TIMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1071 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1071 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Kanson Electronics, Inc.
18
®
800-233-9354 or 931-796-3050
Fax: 931-796-3956
www.issc-kanson.com
INDUSTRIAL SOLID STATE
TIMER
MODEL 1071
PLUG IN
ORDERING CODE
1071 - 2 - P - 1 - A
BASIC MODEL NUMBER
1071
INPUT VOLTAGE
1 120VAC
2 24VAC/DC
TIME RANGE
(Secs)
P (includes the following time ranges)
0 200-2000
4 0.75-7.5
1 50-500
5 0.2-2.0
2 12-120
6 0.06-.5
3 3-30
7 0.025-0.13
Consult factory for longer time ranges.
TIMING FUNCTION
1 On delay
OUTPUT
A* Relay SPDT w/ remote adjust (8 pin plug)
B Relay DPDT (8 pin plug)
C* Relay SPDT w/remote adjust (11 pin plug)
*Units with remote adjust do not include a potentiometer
in the timer. A separate 100kΩ potentiometer must be
used with a maximum length of 12 feet of shielded twisted
pair wire.
APPLICABLE ACCESSORIES
See accessory section for details
Potentiometer
RP-204
Reference dial
RP-216
Locking attachment
RP-217
8 pin socket
RP-302
11 pin socket
RP-303
Hold down clip
RP-305
DIMENSIONS Inches (millimeters)
On Delay
Multi-Range
unit is programmable for 8 different time
ranges. The 1071 reduces inventory requirements by
offering the time range capacity of eight separate timers
in one unit.
Input Power Actuates
timing sequence, eliminating the
need for a separate control circuit. Removing power
automatically resets timing sequence.
Input Is Compatible
with both standard mechanical
switches and solid state proximity sensors.
ORDERING DATA
VOLTAGE:
120VAC/DC, 24VAC/DC
FREQUENCY:
50/60 Hz or DC
TOLERANCE (VOLTAGE):
± 15% of nominal
POWER CONSUMPTION:
4 VA maximum
TRANSIENT PROTECTION:
MOV
SPECIFICATIONS
TYPE:
Electromechanical relay
RATING:
5A @ 240VAC maximum
TYPES:
On delay
REPEAT ACCURACY:
± 0.5 % of setting or 0.004
secs, whichever is greater.
RESET TIME:
40 msec minimum
INDICATION:
LED - ON when timing
TIMING RATIO:
10 to 1 potentiometer
TIME RANGE:
8 per unit
RANGE TOLERANCE:
±10% typical
CONTROL:
Power actuated or AC proximity sensor
CONTROL TERMINALS:
2-7 (8 pin unit)
2-10 (11 pin unit)
VOLTAGE PRESENT AT CONTROL TERMINALS:
Same as input voltage
OPERATING TEMP:
-20° to 70° C (-4° to 158°F)
TIMING VARIATION VS. TEMP:
± 5% maximum
MOUNTING:
Plug-in
TERMINATION:
8 or 11 pin socket
HOUSING:
Plastic
WIRING
OUTPUT A
2-7 Voltage input
(control)
1-3 N.O. timed
1-4 N.C. timed
5-6 Remote adjust
8
Not used
Caution:
Never apply
voltage to 5-6
OUTPUT B
2-7 Voltage input
(control)
1-3 N.O. timed
1-4 N.C. timed
8-6 N.O. timed
8-5 N.C. timed
6
5
4
3
7
8
1
2
OUTPUT C
2-10 Voltage input 11-8 N.C. timed
(control)
5-6
Remote
1-3 N.O. timed
adjust
1-4 N.C. timed
7
Not used
11-9 N.O. timed
Caution:
Never apply voltage to 5-6
8
7
6
5
4
9
10
1
2
3
11
Wiring Terminal Location
switch positions
8 and 9
not used


Similar Part No. - 1071

ManufacturerPart #DatasheetDescription
logo
Heyco.
1071 HEYCO-1071 Datasheet
172Kb / 1P
Heyco® Liquid Tight Strain Relief Bushings
logo
Abbatron All Rights Res...
1071 ABBATRON-1071 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Time Electronics Ltd.
1071 TIME-ELECTRONICS-1071 Datasheet
312Kb / 1P
1071 Capacitance Decade Box
10/22
logo
Heyco.
10710 HEYCO-10710 Datasheet
133Kb / 1P
Nylon PCB Supports - Threaded Male
logo
Atom Lighting
10710 ATOM-10710 Datasheet
327Kb / 2P
AT9065
23rd of January 2025 01:12:52
More results

Similar Description - 1071

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3CR-A OMRON-H3CR-A Datasheet
401Kb / 22P
Solid-state Multi-functional Timer
Y92F-40 OMRON-Y92F-40 Datasheet
1,000Kb / 7P
Solid-state Timer
H3Y OMRON-H3Y Datasheet
149Kb / 8P
Solid-state Timer
H3CR OMRON-H3CR Datasheet
2Mb / 61P
Solid-state Timer
H3JA OMRON-H3JA Datasheet
288Kb / 8P
Solid-state Timer
H3BA-N OMRON-H3BA-N Datasheet
1Mb / 22P
Solid-state Timer
H3BA-X OMRON-H3BA-X Datasheet
1Mb / 16P
Solid-state Timer
H3DE-M OMRON-H3DE-M Datasheet
1Mb / 34P
Solid-state Timer
logo
Littelfuse
T10 LITTELFUSE-T10 Datasheet
177Kb / 1P
Solid-State On-Delay Timer
2019 Rev: 2-B-043019
logo
Omron Electronics LLC
H3CA OMRON-H3CA Datasheet
398Kb / 15P
Solid-State Digital Timer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com