Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9147 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC9147
Description  Highly functionality, 1.4A Step-up DC/DC Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9147 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC9147 Datasheet HTML 9Page - Torex Semiconductor XC9147 Datasheet HTML 10Page - Torex Semiconductor XC9147 Datasheet HTML 11Page - Torex Semiconductor XC9147 Datasheet HTML 12Page - Torex Semiconductor XC9147 Datasheet HTML 13Page - Torex Semiconductor XC9147 Datasheet HTML 14Page - Torex Semiconductor XC9147 Datasheet HTML 15Page - Torex Semiconductor XC9147 Datasheet HTML 16Page - Torex Semiconductor XC9147 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
13/43
XC9147/XC9148
Series
■
TYPICAL APPLICATION CIRCUIT/PARTS SELECTION GUIDE
<
OR connection: XC9148 C/F/M/L types>
The XC9148 C/F/M/L types compare the input voltage BAT and output voltage VOUT to optimally control the orientation of the
parasitic diode of the Pch synchronous switching FET even during standby mode, so that the input side and output side do not
connect through the parasitic diode of the Pch synchronous switching FET.
Even if an external voltage higher than the BAT voltage is applied to the output side by controlling this parasitic diode, the input
side and output side do not connect, and output OR connection is possible.
This type can be used for OR connection is possible such as backup power supply and output OR connection assuming the input
of an external power supply.
Moreover, the design which suppresses the discharge current from a battery at the time of OR connection is adopted. This can
suppress battery discharge during OR connection.
<
Liquid leak reduction: G/J/H/K/M/L types>
G/H/M/J/K/L types have UVLO function with UVLO release voltage of 1.6V.
This UVLO function stops the IC when the battery voltage drops. This operation reduces battery leakage in 2-cell alkaline battery
applications.
Lx
BAT
GND
VOUT
CE
CIN
Battery
L
XC9148 C/F/M/L Type
CL
VOUT
VDD
MCU
VDD
I/O
RF
Sensor
VBAT
Main Power
5V
Iq_bat :0.12μA
(C/F Type)
Main Power available
Main Power not available
Control Signal for Ship Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com