Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9147 Datasheet(PDF) 24 Page - Torex Semiconductor

Part # XC9147
Description  Highly functionality, 1.4A Step-up DC/DC Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9147 Datasheet(HTML) 24 Page - Torex Semiconductor

Back Button XC9147 Datasheet HTML 20Page - Torex Semiconductor XC9147 Datasheet HTML 21Page - Torex Semiconductor XC9147 Datasheet HTML 22Page - Torex Semiconductor XC9147 Datasheet HTML 23Page - Torex Semiconductor XC9147 Datasheet HTML 24Page - Torex Semiconductor XC9147 Datasheet HTML 25Page - Torex Semiconductor XC9147 Datasheet HTML 26Page - Torex Semiconductor XC9147 Datasheet HTML 27Page - Torex Semiconductor XC9147 Datasheet HTML 28Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
24/43
XC9147/XC9148 Series
■
NOTES ON USE
●
Instructions of pattern layouts.
Especially noted in the pattern layout are as follows.
Please refer to the reference pattern layout on the next page.
(a) Wire the large current line using thick, short connecting traces.
This makes it possible to reduce the wire impedance, which is expected to reduce noise and improve heat dissipation.
If the wire impedance of the large current line is large, it may cause noise or the IC to not operate normally.
Especially when the noise is large, the current limit function and the integral latch function may not work.
(b) Place the input capacitance CIN, output capacitance CL, inductor L and IC which the large current flows on the same
surface. If they are placed on both sides, a large current will flow through Via, which has high impedance, it may cause
noise and the IC may not operate normally.
(c) Please mount each external component as close to the IC as possible.
Especially place the output capacitance CL near the IC and connect it with as low impedance as possible.
If the output capacity CL and IC are too far apart, it may cause noise or the IC may not operate normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com