Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJ7002KDM Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # NJ7002KDM
Description  SOT-23 -6L Plastic-Encap sulate MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

NJ7002KDM Datasheet(HTML) 1 Page - Nanjing International Group Co

  NJ7002KDM Datasheet HTML 1Page - Nanjing International Group Co NJ7002KDM Datasheet HTML 2Page - Nanjing International Group Co NJ7002KDM Datasheet HTML 3Page - Nanjing International Group Co NJ7002KDM Datasheet HTML 4Page - Nanjing International Group Co NJ7002KDM Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Plastic-Encap sulate
MOSFETS
N-channel MOSFET
FEATURE
z
High density cell design for Low RDS(on)
z
Voltage controlled small signal switch
z
Rugged and reliable
z
High saturation current capability
MOSFET MAXIMUM RATINGS (Ta = 25
°C unless otherwise noted)
Symbol
Parameter
Value
Unit
VDS
Drain-Source voltage
60
V
ID
Drain Current
340
mA
PD
Power Dissipation
0.
15
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
RθJA
Thermal Resistance
fromJunction to Ambient
833
℃ /W
z
ESD protected
VGS
Gate-Source voltage
±20
V
MARKING
Equivalent Circuit
APPLICATION
Load Switch for Portable Devices
DC/DC Converter
V(BR)DSS
RDS(on)MAX
ID
60 V
2.5Ω@10V
340mA
3Ω@4.5V
 
72K
NJ7002KDM
SOT
-23 -6L
SOT-23
DONGGUAN NANJING ELECTRONICS LTD.,
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
1/5


Similar Part No. - NJ7002KDM

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
NJ72 INTERFET-NJ72 Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
NJ72L INTERFET-NJ72L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
logo
Nanjing International G...
NJ7N60 DGNJDZ-NJ7N60 Datasheet
931Kb / 7P
7.4A 600V N-CHANNEL POWER MOSFET
NJ7N60-BL DGNJDZ-NJ7N60-BL Datasheet
931Kb / 7P
7.4A 600V N-CHANNEL POWER MOSFET
NJ7N60-LI DGNJDZ-NJ7N60-LI Datasheet
931Kb / 7P
7.4A 600V N-CHANNEL POWER MOSFET
More results

Similar Description - NJ7002KDM

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SE2301 WILLAS-SE2301 Datasheet
434Kb / 4P
SOT-23 Plastic-Encapsulate MOSFETS
logo
MAKO SEMICONDUCTOR CO.,...
SI2306 MAKOSEMI-SI2306 Datasheet
395Kb / 2P
SOT-23 Plastic-Encapsulate MOSFETS
logo
ZP Semiconductor
CJ502K ZPSEMI-CJ502K Datasheet
552Kb / 2P
SOT-23 Plastic-Encapsulate MOSFETS
CJ818B ZPSEMI-CJ818B Datasheet
2Mb / 3P
SOT-23-6L Plastic-Encapsulate Transistors
logo
Nanjing International G...
RB520S-40-1A-SOD-523 DGNJDZ-RB520S-40-1A-SOD-523 Datasheet
837Kb / 4P
SOD-523 Plastic-Encap sulate Diodes
logo
Jiangsu High diode Semi...
HDK3400A HDSEMI-HDK3400A Datasheet
2Mb / 5P
SOT-23-3L Plastic-Enca p sulate MOSFET
HDK3401A HDSEMI-HDK3401A Datasheet
2Mb / 5P
SOT-23-3L Plastic-Enca p sulate MOSFET
logo
Jiangsu Changjiang Elec...
2SA1020 JIANGSU-2SA1020 Datasheet
6Mb / 4P
TO-92MOD Plastic-Encap sulate Transistors
logo
Shanghai Leiditech Elec...
LM6401 LEIDITECH-LM6401 Datasheet
519Kb / 2P
SOT-23 Plastic-Encapsulate MOSFETS
logo
Rectron Semiconductor
PZTA44 RECTRON-PZTA44 Datasheet
258Kb / 5P
Plastic-Encap sulate Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com