Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS91305I Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS91305I
Description  HIGH PERFORMANCE COMMUNICATION BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS91305I Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS91305I Datasheet HTML 1Page - Renesas Technology Corp ICS91305I Datasheet HTML 2Page - Renesas Technology Corp ICS91305I Datasheet HTML 3Page - Renesas Technology Corp ICS91305I Datasheet HTML 4Page - Renesas Technology Corp ICS91305I Datasheet HTML 5Page - Renesas Technology Corp ICS91305I Datasheet HTML 6Page - Renesas Technology Corp ICS91305I Datasheet HTML 7Page - Renesas Technology Corp ICS91305I Datasheet HTML 8Page - Renesas Technology Corp ICS91305I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ICS91305I
HIGH PERFORMANCE COMMUNICATION BUFFER
IDT® HIGH PERFORMANCE COMMUNICATION BUFFER
3
ICS91305I
REV G 090612
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS91305I. These ratings, which are standard
values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other
conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over
the recommended operating temperature range.
Electrical Characteristics at 3.3V
Notes:
1.Guaranteed by design and characterization. Not subject to 100% test.
2.All Skew specifications are mesured with a 50
Ω transmission line, load teminated with 50Ω to 1.4V.
3.Duty cycle measured at 1.4V.
4.Skew measured at 1.4V on rising edges. Loading must be equal on outputs.
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
V
IL
0.8
V
Input High Voltage
V
IH
2.0
V
Input Low Current
I
IL
V
IN=0V
19
100.0
µA
Input High Current
I
IH
V
IN=VDD
0.10
250.0
µA
Output Low
Voltage1
V
OL
I
OL = 12mA
0.25
0.4
V
Output High
Voltage1
V
OH
I
OH = -12mA
2.4
2.9
V
Power Down
Supply Current
I
DD
REF = 0 MHz
0.3
100.0
µA
Supply Current
I
DD
Unloaded oututs at 66.66 MHz
SEL inputs at V
DD or GND
30.0
80.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com