Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS91305I Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS91305I
Description  HIGH PERFORMANCE COMMUNICATION BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS91305I Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS91305I Datasheet HTML 1Page - Renesas Technology Corp ICS91305I Datasheet HTML 2Page - Renesas Technology Corp ICS91305I Datasheet HTML 3Page - Renesas Technology Corp ICS91305I Datasheet HTML 4Page - Renesas Technology Corp ICS91305I Datasheet HTML 5Page - Renesas Technology Corp ICS91305I Datasheet HTML 6Page - Renesas Technology Corp ICS91305I Datasheet HTML 7Page - Renesas Technology Corp ICS91305I Datasheet HTML 8Page - Renesas Technology Corp ICS91305I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ICS91305I
HIGH PERFORMANCE COMMUNICATION BUFFER
IDT® HIGH PERFORMANCE COMMUNICATION BUFFER
4
ICS91305I
REV G 090612
Switching Characteristics
Notes:
1. Guaranteed by design and characterization. Not subject to 100% test.
2. REF input has a threshold voltage of 1.4V
3. All parameters expected with loaded outputs
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Output period
t1
With CL=30pF
100.00
(10)
7.5
(133)
ns
(MHz)
Input period
t1
With CL=30pF
100.00
(10)
7.5
(133)
ns
(MHz)
Duty Cycle1
Dt1
Measured at 1.4V; CL=30pF
40.0
50
60
%
Duty Cycle1
Dt2
Measured at VDD/2 Fout
<66.6MHz
45
50
55
%
Rise Time1
tr1
Measured between 0.8V and 2.0V:
CL=30pF
1.2
1.5
ns
Fall Time1
tf1
Measured between 2.0V and 0.8V;
CL=30pF
1.2
1.5
ns
Delay, REF Rising
Edge to CLKOUT
Rising Edge1, 2
Dr1
Measured at 1.4V
0
±350
ps
Output to Output
Skew1
Tskew
All outputs equally loaded,
CL=20pF
250
ps
Device to Device
Skew1
Tdsk-Tdsk
Measured at VDD/2 on the
CLKOUT pins of devices
0
700
ps
Cycle to Cycle
Jitter1
Tcyc-Tcyc
Measured at 66.66 MHz, loaded
outputs
200
ps
PLL Lock Time1
t
LOCK
Stable power supply, valid clock
presented on REF pin
1.0
ms
Jitter; Absolute
Jitter1
Tjabs
@ 10,000 cycles
C
L = 30pF
-200
70
200
ps
Jitter; 1 - Sigma1
Tj1s
@ 10,000 cycles
C
L = 30pF
14
60
ps



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com