Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS91719 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS91719
Description  Low EMI, Spread Modulating, Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS91719 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS91719 Datasheet HTML 3Page - Renesas Technology Corp ICS91719 Datasheet HTML 4Page - Renesas Technology Corp ICS91719 Datasheet HTML 5Page - Renesas Technology Corp ICS91719 Datasheet HTML 6Page - Renesas Technology Corp ICS91719 Datasheet HTML 7Page - Renesas Technology Corp ICS91719 Datasheet HTML 8Page - Renesas Technology Corp ICS91719 Datasheet HTML 9Page - Renesas Technology Corp ICS91719 Datasheet HTML 10Page - Renesas Technology Corp ICS91719 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
ICS91719
0506E—06/24/09
Absolute Maximum Ratings
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 3.3 V
Voltage on any pin with respect to GND . . . -0.5 to +7.0 V
Storage Temperature . . . . . . . . . . . . . . . . . . . . –55°C to +125°C
Operating Temperature . . . . . . . . . . . . . . . . . . 0°C to +85°C
Ambient Operating Temperature under Bias . -55 to +125 °C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . 0.5 W
Electrical C haracteristics - Input/Supply/C ommon Output Parameters
TA = 0 - 85°C; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD + 0.3
V
Input Low Voltage
VIL
VSS - 0.3
0.8
V
Input High Current
IIH
VIN = VDD
-5
5
mA
Input Low Current
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
mA
Powerdown Current
IDD3.3PD
35
mA
Input Frequency
Fi
VDD = 3.3 V
14.318
MHz
Input Crystal Frequency
FCYI
14.318 Typ + 10%
MHz
Input Clock Frequency
FCLKI
80
MHz
Pin Inductance
Lpin
7nH
Input Capacitance
1
CIN
Logic Inputs
5
pF
COUT
Output pin capacitance
6
pF
CINX
X1 & X2 pins
27
36
45
pF
Transition time
1
Ttrans
To 1st crossing of target frequency
3ms
Settling tim e
1
Ts
From 1st crossing to 1% target frequency
3ms
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target frequency
1
3
ms
Delay
1
tPZH,tPZL
Output enable delay (all outputs)
1
10
ns
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com